Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1504 Fiches technique(PDF) 1 Page - Compact Technology Corp.

No de pièce UF1504
Description  ULTRA FAST RECTIFIERS (DO-41)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTC [Compact Technology Corp.]
Site Internet  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF1504 Fiches technique(HTML) 1 Page - Compact Technology Corp.

  UF1504 Datasheet HTML 1Page - Compact Technology Corp. UF1504 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
@TA
=55 C
@TJ=100 C
UF1501 thru UF1507
ULTRA FAST RECTIFIERS
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UF
1503
200
140
200
UF
1501
50
35
50
UF
1507
1000
700
1000
UF
1502
100
70
100
UF
1506
800
560
800
UF
1505
600
420
600
UF
1504
400
280
400
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.5A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
1.5
50
1.0
5
100
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
25
C/W
CJ
Typical Junction
Capacitance (Note 2)
35
pF
uA
V
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
DO-41
A
C
D
A
B
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 1)
TRR
1.3
1.7
50
75
20
ns
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.5 Amperes
Compact Technology
CTC0106 Ver. 2.0
1 of 2
UF1501 thru UF1507


Numéro de pièce similaire - UF1504

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
UF1504 DIODES-UF1504 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
logo
Tak Cheong Electronics ...
UF1504 TAK_CHEONG-UF1504 Datasheet
104Kb / 2P
   1.5AMP. Ultrafast Rectifiers竊뉷PP竊
logo
Compact Technology Corp...
UF1504 CTC-UF1504 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-15)
UF1504 CTC-UF1504 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Diodes Incorporated
UF1504-B DIODES-UF1504-B Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
More results

Description similaire - UF1504

FabricantNo de pièceFiches techniqueDescription
logo
Compact Technology Corp...
PR1501 CTC-PR1501 Datasheet
51Kb / 2P
   FAST RECOVERY RECTIFIERS (DO-41)
SB220 CTC-SB220 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
UF1501 CTC-UF1501 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-15)
1N5391 CTC-1N5391_1 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
   DO-41
1N5559 NJSEMI-1N5559 Datasheet
336Kb / 1P
   DO-41 Case
logo
WILLAS ELECTRONIC CORP
SR120 WILLAS-SR120 Datasheet
203Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
logo
New Jersey Semi-Conduct...
1N4460 NJSEMI-1N4460 Datasheet
133Kb / 1P
   DO-41 Package
logo
WILLAS ELECTRONIC CORP
SR220 WILLAS-SR220 Datasheet
278Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com