Moteur de recherche de fiches techniques de composants électroniques |
|
UF2002G Fiches technique(PDF) 1 Page - Compact Technology Corp. |
|
UF2002G Fiches technique(HTML) 1 Page - Compact Technology Corp. |
1 / 2 page NOTES : 1.Test condition of TRR:IF=0.5A,IR=1.0A,IRR=0.25A.. 2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3.Thermal Resistance Junction to Ambient. VRMS VDC VRRM I(AV) IFSM VF UF2001G thru UF2007G FEATURES Glass passivated chip Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability Easily cleaned with Freon, Alcohol, Chlorothene and similar solvents Plastic material has UL flammabitily classification 94V-0 MECHANICAL DATA Case : JEDEC DO-15 molded plastic Polarity : Color band denotes cathode Weight : 0.015 ounces, 0.4 grams Mounting position : Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% 200 UF2003G 140 200 50 UF2001G 35 50 1000 UF2007G 700 1000 100 UF2002G 70 100 800 UF2006G 560 800 600 UF2005G 420 600 UF2004G 400 280 400 Maximum Average Forward Rectified Current @TA =55 C Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load(JEDEC Method) Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum forward Voltage at 2.0A DC 2.0 60 1.0 Storage / Operatiing Temperature Range -55 to +150 C Typical Thermal Resistance (Note 3) R0JA 25 C/W CJ Typical Junction Capacitance (Note 2) 30 pF IR Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ =100 C @TJ =25 C 5 100 uA V A A V UNIT V V Max. All Dimensions in millimeter Min. DO-15 Dim. A D C B 25.4 7.60 - 5.80 0.70 2.60 3.60 0.90 DO-15 A C D A B CHARACTERISTICS SYMBOL 50 ns Maximum Reverse Recovery Time (Note 1) TRR TSTG ,TJ 1.3 1.7 75 15 REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Amperes ULTRA FAST GLASS PASSIVATED RECTIFIERS Compact Technology CTC0107 Ver. 2.0 1 of 2 UF2001G thru UF2007G |
Numéro de pièce similaire - UF2002G |
|
Description similaire - UF2002G |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |