Moteur de recherche de fiches techniques de composants électroniques |
|
A-20GV2-B7-K Fiches technique(PDF) 4 Page - Omron Electronics LLC |
|
A-20GV2-B7-K Fiches technique(HTML) 4 Page - Omron Electronics LLC |
4 / 8 page 22 Snap Action Switch A Note: 1. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number 2. Unless otherwise specified, all units are in millimeters and a tolerance of ± 0.4 mm applies to all dimensions. 49.2 11.9 25.4 ±0.1 19.05 ±0.25 24.2 17.45 ±0.2 OP PT 9.2 2.3SR * +0.075 −0.025 * Stainless-steel plunger 2.3 dia. 4.2 dia. hole +0.075 −0.025 4.2 dia. +0.1 −0.05 4.36 dia. Pin Plunger A-20G-B 24.2 7.5 OP PT 7.15 dia. 11.2 dia. 15 dia. 11.9SR * 19.05 ±0.25 * Stainless-steel plunger Short Spring Plunger A-20GD-B OP 16.3 *2 13.1 PT 8.35 dia. 11.9SR *1 19.05 ±0.25 M12 × 1 mounting screw 16 dia. *1 Stainless-steel plunger *2 Incomplete screw part with a maximum length of 1.5 mm. Two hexagon nuts (2 t × 14 width across flats) Two lock nuts (2 t × 15.6 width across flats) Panel Mount Plunger A-20GQ-B Note: Do not use both M12 mounting screw and mounting holes at the same time. OP 16.3 *2 15.5 PT 19.05 ±0.25 M12 × 1 mounting screw Two hexagon nuts (3 t × 17 width across flats) 12.7 dia. × 4.8 *1 16 dia. *1 Stainless-steel roller *2 Incomplete screw part with a maximum length of 1.5 mm. Panel Mount Roller Plunger A-20GQ22-B Note: Do not use both M12 mounting screw and mounting holes at the same time. OP 16.3 *2 15.5 PT 19.05 ±0.25 M12 × 1 mounting screw Two hexagon nuts (3 t × 17 width across flats) 12.7 dia. × 4.8 *1 16 dia. *1 Stainless-steel roller *2 Incomplete screw part with a maximum length of 1.5 mm. Panel Mount Cross Roller Plunger A-20GQ21-B Note: Do not use both M12 mounting screw and mounting holes at the same time. |
Numéro de pièce similaire - A-20GV2-B7-K |
|
Description similaire - A-20GV2-B7-K |