Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDMPIH75D43T125NP-151MC Fiches technique(PDF) 3 Page - Sumida Corporation

No de pièce CDMPIH75D43T125NP-151MC
Description  Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMPIH75D43T125NP-151MC Fiches technique(HTML) 3 Page - Sumida Corporation

  CDMPIH75D43T125NP-151MC Datasheet HTML 1Page - Sumida Corporation CDMPIH75D43T125NP-151MC Datasheet HTML 2Page - Sumida Corporation CDMPIH75D43T125NP-151MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDMPIH Series
◆ CDMPIH10D48/T125
1.70
1.75
2.25
139(112)
47
±20%
CDMPIH10D48T125NP-470MC
1.40
1.40
1.85
214(172)
68
±20%
CDMPIH10D48T125NP-680MC
3.4
2.6
3.3
64(52)
22
±20%
CDMPIH10D48T125NP-220MC
2.2
2.1
2.7
103(83)
33
±20%
CDMPIH10D48T125NP-330MC
1.55
4.7
5.6
6.5
7.4
(at 20
℃)
4.0
3.6
36(29)
11
±20%
CDMPIH10D48T125NP-110MC
4.4
4.4
27.5(22.0)
7.5
±25%
CDMPIH10D48T125NP-7R5PC
1.25
1.20
275(220)
100
±20%
CDMPIH10D48T125NP-101MC
4.8
5.0
24.0(19.0)
5.6
±25%
CDMPIH10D48T125NP-5R6PC
5.5
5.7
18.5(15.0)
4.3
±25%
CDMPIH10D48T125NP-4R3PC
(at 125
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
at 20
Inductance
( H)
at 100KHz
Sumida P/N
※1、Saturation Current: This indicates the value of D.C. current when the inductance decreases to 65% of
its nominal value.
※2、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600


Numéro de pièce similaire - CDMPIH75D43T125NP-151MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDMPIH75D43T125NP-151MC SUMIDA-CDMPIH75D43T125NP-151MC Datasheet
200Kb / 3P
   SMD Power Inductor
More results

Description similaire - CDMPIH75D43T125NP-151MC

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com