Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD12S015YFFR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD12S015YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015YFFR Fiches technique(HTML) 5 Page - Texas Instruments

  TPD12S015YFFR Datasheet HTML 1Page - Texas Instruments TPD12S015YFFR Datasheet HTML 2Page - Texas Instruments TPD12S015YFFR Datasheet HTML 3Page - Texas Instruments TPD12S015YFFR Datasheet HTML 4Page - Texas Instruments TPD12S015YFFR Datasheet HTML 5Page - Texas Instruments TPD12S015YFFR Datasheet HTML 6Page - Texas Instruments TPD12S015YFFR Datasheet HTML 7Page - Texas Instruments TPD12S015YFFR Datasheet HTML 8Page - Texas Instruments TPD12S015YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPD12S015
www.ti.com
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
4.0
V
VBAT
Supply voltage range
–0.3
6.5
SCL_A, SDA_A, CEC_A , CT_CP_HPD,
–0.3
4.0
LS_OE
VI
Input voltage range
V
SCL_B, SDA_B, CEC_B, D, CLK
–0.3
6.0
SCL_A, SDA_A, CEC_A, HPD_A
–0.3
4.0
Voltage range applied to any output in the
high-impedance or power-off state(2)
SCL_B, SDA_B, CEC_B
–0.3
6.0
VO
V
SCL_A, SDA_A, CEC_A, HPD_A
–0.3
VCCA + 0.3
Voltage range applied to any output in the high or
low state(2)
SCL_B, SDA_B, CEC_B
–0.5
6.0
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IOUTMAX
Continuous current through 5VOUT or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to "absolute maximum conditions" for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
over recommended operating free-air temperature range (unless otherwise noted)
SUPPLY
MIN
TYP
MAX
UNIT
VCCA
Supply voltage
1.1
3.6
V
VBAT
Supply voltage
2.3
5.5
V
VIH
SCL_A, SDA_A,
0.7*VCCA
VCCA
CEC_A
VCCA = 1.1 V to 3.6 V
CT_CP_HPD, LS_OE
1
VCCA
High-level input voltage
SCL_B, SDA_B
0.7*5VOUT
5VOUT
V
0.7*3.3V
3.3V
CEC_B
5VOUT = 5.0 V
(internal)
(internal)
HPD_B
2.4
5VOUT
VIL
SCL_A, SDA_A,
–0.5
0.082*VCCA
CEC_A
VCCA = 1.1 V to 3.6 V
CT_CP_HPD, LS_OE
–0.5
0.4
Low-level input voltage
V
SCL_B, SDA_B
–0.5
0.3*5VOUT
CEC_B
5VOUT = 5.0 V
–0.5
0.3*V3P3
HPD_B
0
0.8
VILC
Low-level input voltage
SCL_A, SDA_A,
VCCA = 1.1 V to 3.6 V
–0.5
0.065*VCCA
V
(contention)
CEC_A
VOL
SCL_A, SDA_A,
0.1*VCC
Delta between VOL and VILC
VCCA = 1.1 V to 3.6 V
V
VILC
CEC_A
A
TA
Operating free-air temperature
–40
85
°C
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD12S015


Numéro de pièce similaire - TPD12S015YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S015 TI1-TPD12S015 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Description similaire - TPD12S015YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com