Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6655 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Fiches technique(HTML) 4 Page - Analog Devices

  ADRF6655 Datasheet HTML 1Page - Analog Devices ADRF6655 Datasheet HTML 2Page - Analog Devices ADRF6655 Datasheet HTML 3Page - Analog Devices ADRF6655 Datasheet HTML 4Page - Analog Devices ADRF6655 Datasheet HTML 5Page - Analog Devices ADRF6655 Datasheet HTML 6Page - Analog Devices ADRF6655 Datasheet HTML 7Page - Analog Devices ADRF6655 Datasheet HTML 8Page - Analog Devices ADRF6655 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADRF6655
Rev. 0 | Page 4 of 44
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to 1 × LO4
Fundamental VCO Sensitivity
VCO tuning sensitivity before divide-by-2 or divide-by-3
75
MHz/V
Spurs
Measured at LO output
Reference/PFD Spurs
fPFD/2
−95
dBc
fPFD
−83
dBc
2 × fPFD
−85
dBc
4 × fPFD
−88
dBc
Phase Noise
PFD frequency = 20 MHz4
LO Frequency = 1330 MHz
@ 10 kHz offset
−85
dBc/Hz
@ 100 kHz offset
−114
dBc/Hz
@ 1 MHz offset
−138
dBc/Hz
@ 10 MHz offset
−154
dBc/Hz
Integrated Phase Noise
10 kHz to 40 MHz integration bandwidth
0.3
°rms
LO Frequency = 1840 MHz
@ 10 kHz offset
−83
dBc/Hz
@ 100 kHz offset
−111
dBc/Hz
@ 1 MHz offset
−136
dBc/Hz
@ 10 MHz offset
−152
dBc/Hz
Integrated Phase Noise
10 kHz to 40 MHz integration bandwidth
0.4
°rms
PFD Frequency
19.33
20
40
MHz
REFERENCE CHARACTERISTICS
REFIN, MUXOUT
REFIN Input Frequency
10
20
160
MHz
REFIN Input Capacitance
4
pF
REFIN Input Current
±100
μA
REFIN Input Sensitivity
AC-coupled
0.25
1
3.3
V p-p
MUXOUT Output Levels
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
CHARGE PUMP
CP
Pump Current
Charge pump current adjustable using Register 4 and/or
RSET (see Pin 5 description)
500
μA
Output Compliance Range
1
2.8
V
LOGIC INPUTS
CLK, DATA, LE
VINH, Input High Voltage
1.4
3.3
V
VINL, Input Low Voltage
0
0.7
V
IINH/IINL, Input Current
±1
μA
CIN, Input Capacitance
3
pF
POWER SUPPLIES
VCC1, VCC2, VCCLO
Voltage Range
4.75
5
5.25
V
Supply Current
LO output buffer disabled
PLL only
115
mA
Normal TX mode, IP3SET = 3.2 V, fLO ≤1530 MHz (divide-by-3)
310
mA
Normal TX mode, IP3SET = 3.2 V, fLO > 1530 MHz (divide-by-2)
270
mA
Normal RX mode, IP3SET = open, fLO ≤ 1530 MHz (divide-by-3)
285
mA
Normal RX mode, IP3SET = open, fLO > 1530 MHz (divide-by-2)
245
mA
Power-down mode
15
mA
1 Internal LO path divider programmed via serial interface. See the
section for additional information.
LO Signal Chain
2 See the
section.
External LO Interface
3 Improved return loss can be achieved using external matching. See the
section for more details.
Circuit Description
4 Measured on standard evaluation board with 1.5 kHz loop filter (C13 = 47 nF, C14 = 0.1 μF, C15 = 4.7 μF, R9 = 270 Ω, R10 = 68 Ω).


Numéro de pièce similaire - ADRF6655

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
   Wideband, Dual Rx Mixers with Integrated IF Amplifiers
More results

Description similaire - ADRF6655

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com