Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS19371 Fiches technique(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS19371
Description  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371 Fiches technique(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS19371 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
7/8
Version: F08
SOT-26 Mechanical Drawing
Marking Diagram
71 = Device Code
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-26 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
TYP
MAX
MIN
TYP
MAX
A
0.95 BSC
0.0374 BSC
A1
1.9 BSC
0.0748 BSC
B
2.60
2.80
3.00
0.1024
0.1102
0.1181
C
1.40
1.50
1.70
0.0551
0.0591
0.0669
D
2.80
2.90
3.10
0.1101
0.1142
0.1220
E
1.00
1.10
1.20
0.0394
0.0433
0.0472
F
0.00
--
0.10
0.00
0.0039
G
0.35
0.40
0.50
0.0138
0.0157
0.0197
H
0.10
0.15
0.20
0.0039
0.0059
0.0079
I
0.30
--
0.60
0.0118
--
0.0236
J
--
10º
--
10º


Numéro de pièce similaire - TS19371

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CSRL TSC-TS19371CSRL Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
   Inherently Matched LED Current
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Description similaire - TS19371

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com