Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZZL39 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce ZZL39
Description  500mW Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ZZL39 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ZZL39 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ZZL39 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ZZL39 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
LLZ2V0 – LLZ75
500mW Hermetically Sealed Glass Zener
Voltage Regulators
MINI MELF
Features
Zener voltage range 2.0 to 75 volts
Mini-MELF package
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion
resistant and leads are readily solderable
RoHS compliant
Matte Tin (Sn) lead finish
Color band indicates negative polarity
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Power Dissipation
Pd
500
mW
Maximum Forward Voltage
@ IF=200mA
VF
1.2
V
Storage Temperature Range
TSTG
-65 to + 200
OC
Operating Junction Temperature
TJ
+ 200
OC
Version: B09


Numéro de pièce similaire - ZZL39

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
ZZL39V TSC-ZZL39V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - ZZL39

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com