Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1-PBL1-11 Fiches technique(PDF) 1 Page - Marktech Corporate

No de pièce LM1-PBL1-11
Description  InGaN Blue Power SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LM1-PBL1-11 Fiches technique(HTML) 1 Page - Marktech Corporate

  LM1-PBL1-11 Datasheet HTML 1Page - Marktech Corporate LM1-PBL1-11 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
InGaN Blue Power SMT LED
LM1−PBL1−11
Applications
Indicators
Illuminations
LCD Back lights
Automobile Applications
RGB Full color displays
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
140.00
mW
Operating Temperature
Topr
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=30mA
3.90
4.60
V
Reverse Current
IR
VR=5V
10
µ A
Luminous Intensity
IV
IF=30mA
140.00
200.00
mcd
Viewing Angle
2
θ1/2
120
o
deg.
Peak Wavelength
λp
IF=30mA
465
nm
Dominant Wavelength
λd
IF=30mA
470
nm
Spectral Line Half Width
∆λ
IF=30mA
28
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Numéro de pièce similaire - LM1-PBL1-11

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
LM1-PBL1-11-N1 CREE-LM1-PBL1-11-N1 Datasheet
325Kb / 5P
   SMD LED
More results

Description similaire - LM1-PBL1-11

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LM1-PPG1-11 MARKTECH-LM1-PPG1-11 Datasheet
231Kb / 2P
   InGaN Green Power SMT LED
LC503TBL1-30G-A MARKTECH-LC503TBL1-30G-A Datasheet
207Kb / 2P
   5mm Blue InGaN LED
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
   5mm Blue InGaN LED
LS1-PBL1-01 MARKTECH-LS1-PBL1-01 Datasheet
117Kb / 2P
   InGaN Blue Side SMD LED
logo
KODENSHI_AUK CORP.
KB520O KODENSHI-KB520O Datasheet
236Kb / 3P
   high bright InGaN blue LED
KB520B KODENSHI-KB520B Datasheet
238Kb / 3P
   high bright InGaN blue LED
logo
DOMINANT Semiconductors
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
logo
KODENSHI_AUK CORP.
KB521B KODENSHI-KB521B Datasheet
264Kb / 3P
   high bright InGaN blue LED
logo
DOMINANT Semiconductors
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
logo
Marktech Corporate
LP379PBL1-C0G MARKTECH-LP379PBL1-C0G Datasheet
57Kb / 2P
   P4 InGaN Blue Ultra Bright LED
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com