Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC503AHR2-30Q-A-MT Fiches technique(PDF) 4 Page - Marktech Corporate

No de pièce LC503AHR2-30Q-A-MT
Description  SPECIFICATION FOR COTCO LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503AHR2-30Q-A-MT Fiches technique(HTML) 4 Page - Marktech Corporate

  LC503AHR2-30Q-A-MT Datasheet HTML 1Page - Marktech Corporate LC503AHR2-30Q-A-MT Datasheet HTML 2Page - Marktech Corporate LC503AHR2-30Q-A-MT Datasheet HTML 3Page - Marktech Corporate LC503AHR2-30Q-A-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Format #: COTCO-D-074
REV.4
Document No.
SPE/LC503AHR2-30Q-A-MT
Rev. No.
03
G
Grra
ap
ph
hs
s
FORWARD CURRENT.
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
60.0
20.0
0.0
0.0
1.0
40.0
100.0
80.0
If(mA)
100.0
FORWARD VOLTAGE.
3.0
2.0
4.0
5.0
FIG.1 FORWARD CURRENT VS.
2.4
2.0
1.8
0.0
20.0
2.2
60.0
40.0
80.0
2.8
2.6
Vf(V)
If (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
-60
FIG.6 FAR FIELD PATTERN
-90
-30
30
0
0
WAVELENGTH.
50% Power Angle : 30
0%
400
25%
500
600
700
800
Ie(%)
60
0%
90
20%
20%
40%
40%
60%
60%
80%
80%
100%
100%
900
WL(nm)
REVERSE VOLTAGE.
FIG.2 REVERSE CURRENT VS.
Ir(uA)
I (RELATIVE LUMINOUS INTENSITY)
Domi WL= 624nm
Half Power
WL=23nm
75%
50%
100%
-40.0
-50.0
-20.0
-30.0
-10.0
Vr(V)
-60
-50
-40
-30
-20
0.0
-10
80
60
40
20
0
FIG.5 MAXIMUM FORWARD DC CURRENT VS
100
R
θj-pin=310 C/W
AMBIENT TEMPERATURE (Tjmax=105 C)
R
θj-a=580 C/W
20.0
0.0
40.0
60.0
100.0
80.0
IF(mA)
T ( C)
1.
Cathode PAD Area (0.18
x 0.18inch
2)
2.
Height above nominal seating plane in inches(0.3inch)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2006-04-18
Rev. No
Date
Change Description
Checked by
Aldosin
2006-04-18
02
11Nov04
Add Rθ.
Approved by
David
2006-04-18
03
2006-04-18 Cancel X rank. Highlight V2~V4.
FCN#
FCN20060060
Data is subject to change without prior notice.
Copyright@2002 Cotco International Ltd.


Numéro de pièce similaire - LC503AHR2-30Q-A-MT

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503AHR2-30Q-A MARKTECH-LC503AHR2-30Q-A Datasheet
341Kb / 2P
   Ultra Bright Red 5mm LED
More results

Description similaire - LC503AHR2-30Q-A-MT

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com