Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-40RF Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce BC817-40RF
Description  300mW, NPN Small Signal Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC817-40RF Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC817-40RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC817-40RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC817-16/-25/-40
300mW, NPN Small Signal Transistor
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT- 23 small outline plastic package
1.50
1.70
0.059
0.067
3.55
3.85
0.140
0.152
0.45
0.65
0.018
0.026
2.60
2.80
0.102
0.11
1.05
1.25
0.041
0.049
0.08
0.15
0.003
0.006
Package
SOT-23
Maximum Ratings
Electrical Characteristics
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
Junction Capacitance
Notes:1. Valid provided that electrodes are kept at ambient temperature
fT
VCE(sat)
VBE(sat)
Transition frequency
VCE= 5V IC= 10mA f= 100MHz
IC= 500mA
IB= 50mA
IC= 500mA
IB= 50mA
°C
500
388
-55 to + 150
mA
°C/W
BC817-40
Units
BC817-25
BC817-16
Collector Cut-off Current
Collector-Emitter Breakdown Voltage
Emitter Cut-offCurrent
ICBO
IEBO
High temperature soldering guaranteed: 260°C/10s
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient) (Note 1)
RθJA
TJ, TSTG
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Emitter-Base Voltage
VEBO
D
E
G
Rating at 25°C ambient temperature unless otherwise specified.
0.50 REF
0.02 REF
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
A
C
Unit (mm)
Units
BC817-16
BC817-40
F
Unit (inch)
Dimensions
B
Collector Current
IC
VCBO
Emitter-Base Breakdown Voltage
Symbol
Type Number
Collector-Base Breakdown Voltage
Weight : 0.008gram (approximately)
Maximum Ratings and Electrical Characteristics
Power Dissipation
PD
mW
5
300
V
V
V
1.2
100
5
0.1
0.1
0.7
>40
>40
>40
Part No.
Packing
BC817-16/-25/-40 RF
3Kpcs/7" Reel
100
-
600
VR=0V, f=1.0MHz
CJ
10
IE= 1μA
IC= 0
V(BR)CEO
V(BR)EBO
VCB= 45V
IE= 0
VEB= 4V
IC= 0
Ordering Information
SOT-23
IC= 10μA
IE= 0
IC= 10mA
IB= 0
50
45
Type Number
Symbol
BC817-25
Low power loss, high current capability, low VF
V(BR)CBO
Collector-Base Voltage
Collector-Emitter Voltage
50
45
VCEO
DC current gain
VCE= 1V
IC= 100mA
hFE
VCE= 1V
IC= 100mA
DC current gain
hFE
100-250
160-400
250-600
V
V
V
μA
μA
V
V
MHz
pF
B
A
C
D
G
F
E
Emitter
Collector
Base
Version : C09


Numéro de pièce similaire - BC817-40RF

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BC817-40RFG TSC-BC817-40RFG Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
More results

Description similaire - BC817-40RF

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
MMBTA05 TSC-MMBTA05_15 Datasheet
749Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_11 Datasheet
518Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A_15 Datasheet
256Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904L TSC-MMBT3904L Datasheet
253Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_14 Datasheet
221Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A Datasheet
214Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_10 Datasheet
309Kb / 3P
   300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
   Dual NPN Small Signal Transistor 300mW
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com