Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1114-3.6M3 Fiches technique(PDF) 7 Page - Cystech Electonics Corp.

No de pièce LM1114-3.6M3
Description  Low Dropout CMOS Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-3.6M3 Fiches technique(HTML) 7 Page - Cystech Electonics Corp.

Back Button LM1114-3.6M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 9Page - Cystech Electonics Corp. LM1114-3.6M3 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2009.02.25
Page No. : 7/10
LM1114M3/N3/A3
CYStek Product Specification
LM1114-5.0
Output Voltage vs Input Voltage
4.2
4.4
4.6
4.8
5
5.2
48
12
Input Voltage-VIN(V)
IO=1mA
IO=10mA
IO=40mA
Input-Output Voltage Differential
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
Input-Output-Iout(mA)
Supply Current vs Input Voltage
0
0.5
1
1.5
2
04
8
Input Voltage-VIN(V)
12


Numéro de pièce similaire - LM1114-3.6M3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1114-3.6M3-0-T2-G CYSTEKEC-LM1114-3.6M3-0-T2-G Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
More results

Description similaire - LM1114-3.6M3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com