Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2596-33E5 Fiches technique(PDF) 4 Page - Cystech Electonics Corp.

No de pièce LM2596-33E5
Description  150kHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM2596-33E5 Fiches technique(HTML) 4 Page - Cystech Electonics Corp.

  LM2596-33E5 Datasheet HTML 1Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 2Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 3Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 4Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 5Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 6Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 7Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 8Page - Cystech Electonics Corp. LM2596-33E5 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C548F5
Issued Date : 2007.12.11
Revised Date :
Page No. : 4/12
LM2596-XXE5/F5
CYStek Product Specification
Electrical Characteristics (Continued)
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25°C.
Part No.
Parameter
Symbol
Conditions
Min
Typ
(Note 3)
Max
(Note 4)
Units
Output Voltage VOUT
4.75V≤VIN≤40V, 0.2A≤ILOAD≤3A
3.168
3.135
3.3
3.432
3.465
V
LM2596-3.3
Efficiency
η
VIN=12V, ILOAD=3A
-
73
-
%
Output Voltage VOUT
7V≤VIN≤40V, 0.2A≤ILOAD≤3A
4.800
4.750
5.0
5.200
5.250
V
LM2596-5.0
Efficiency
η
VIN=12V, ILOAD=3A
-
80
-
%
Output Voltage VOUT
15V≤VIN≤40V, 0.2A≤ILOAD≤3A
11.52
11.40
12.0
12.48
12.60
V
LM2596-12
Efficiency
η
VIN=25V, ILOAD=3A
-
90
-
%
Output
Feedback
VFB
4.5V≤VIN≤40V, 0.2A≤ILOAD≤3A
VOUT programmed for 3V
1.180
1.168
1.230
1.280
1.292
V
LM2596-ADJ
Efficiency
η
VIN=12V, VOUT=3V, ILOAD=3A
-
77
-
%
Note 1 :
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For
guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2 :
The human body model is a 100pF capacitor discharged through a 1.5K resistor into each pin.
Note 3 :
Typical numbers are at 25℃ and represent the most likely norm.
Note 4 :
All limits guaranteed at room temperature (standard face type) and at temperature extremes(bold face type). All room
temperature limits are 100% production tested. All limits at temperature extremes are guaranteed via correlation using
standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level
(AOQL).
Note 5 :
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors
can affect switching regulator system performance.
Note 6 :
The switching frequency is reduced when the second stage current limit is activated.
Note 7 :
No diode, inductor or capacitor connected to output pin.
Note 8 :
Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 9 :
Feedback pin removed from output and connected to +12V for the 3.3V, 5V and adjustable version, and +15V for
the 12V version, to force the output transistor switch OFF.
Note 10 :
VIN=40V.
Note 11 :
Junction to Ambient thermal resistance. (With copper area of approximately 3 in²)


Numéro de pièce similaire - LM2596-33E5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results

Description similaire - LM2596-33E5

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com