Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLPYE62T Fiches technique(PDF) 1 Page - Marktech Corporate

No de pièce TLPYE62T
Description  TOSHIBA InGaA?밣 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPYE62T Fiches technique(HTML) 1 Page - Marktech Corporate

  TLPYE62T Datasheet HTML 1Page - Marktech Corporate TLPYE62T Datasheet HTML 2Page - Marktech Corporate TLPYE62T Datasheet HTML 3Page - Marktech Corporate TLPYE62T Datasheet HTML 4Page - Marktech Corporate TLPYE62T Datasheet HTML 5Page - Marktech Corporate TLPYE62T Datasheet HTML 6Page - Marktech Corporate TLPYE62T Datasheet HTML 7Page - Marktech Corporate TLPYE62T Datasheet HTML 8Page - Marktech Corporate TLPYE62T Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)62T(F)
2005-09-12
1
TOSHIBA InGaAℓP LED
TLRE62T(F),TLRME62T(F),TLSE62T(F),TLOE62T(F),TLYE62T(F),
TLPYE62T(F),TLGE62T(F),TLFGE62T(F),TLPGE62T(F)
Panel Circuit Indicators
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• φ3 mm package
• InGaAℓP technolgy
• All plastic mold type
• Transparent lens
• Lineup: 6 colors (red, orange, yellow, pure yellow, green and pure
green)
• High intensity light emission
• Excellent low current light output
• Applications: message boards, security devices and dashboard
displays
Lineup
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3H1
Weight: 0.14 g
Product Name
Color
Material
TLRE62T(F)
Red
TLRME62T(F)
Red
TLSE62T(F)
Red
TLOE62T(F)
Orange
TLYE62T(F)
Yellow
TLPYE62T(F)
Pure Yellow
TLGE62T(F)
Green
TLFGE62T(F)
Green
TLPGE62T(F)
Pure Green
P
InGaAl
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Numéro de pièce similaire - TLPYE62T

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLPYE62T TOSHIBA-TLPYE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
TLPYE62T TOSHIBA-TLPYE62T Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLPYE62TF TOSHIBA-TLPYE62TF Datasheet
285Kb / 12P
   Panel Circuit Indicators
More results

Description similaire - TLPYE62T

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com