Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

US3018 Fiches technique(PDF) 1 Page - UNISEM

No de pièce US3018
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNISEM [UNISEM]
Site Internet  
Logo UNISEM - UNISEM

US3018 Fiches technique(HTML) 1 Page - UNISEM

  US3018 Datasheet HTML 1Page - UNISEM US3018 Datasheet HTML 2Page - UNISEM US3018 Datasheet HTML 3Page - UNISEM US3018 Datasheet HTML 4Page - UNISEM US3018 Datasheet HTML 5Page - UNISEM US3018 Datasheet HTML 6Page - UNISEM US3018 Datasheet HTML 7Page - UNISEM US3018 Datasheet HTML 8Page - UNISEM US3018 Datasheet HTML 9Page - UNISEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
US3018
4-1
Rev. 1.4
12/8/00
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US3018 controller IC is specifically designed to meet
Intel specification for Pentium II
™ microprocessor ap-
plications as well as the next generation of P6 family
processors. The US3018 provides a single chip con-
troller IC for the Vcore , LDO controller for GTL+
and an internal 200mA regulator for clock supply
which are required for the Pentium II applications.
These devices feature a patented topology that in com-
bination with a few external components as shown in
the typical application circuit ,will provide in excess of
18A of output current for an on- board DC/DC converter
while automatically providing the right output voltage via
the 5 bit internal DAC. The US3018 also features, loss
less current sensing for both switchers by using the
Rds-on of the high side Power MOSFET as the sens-
ing resistor, internal current limiting for the clock
supply, a Power Good window comparator that switches
its open collector output low when any one of the out-
puts is outside of a pre programmed window. Other fea-
tures of the device are ; Undervoltage lockout for both
5V and 12V supplies, an external programmable soft
start function , programming the oscillator frequency via
an external resistor, OVP circuitry for both switcher out-
puts and an internal thermal shutdown.
Provides Single Chip Solution for Vcore, GTL+
& Clock Supply
200 mA On board LDO regulator
Designed to meet the latest Intel specification
for Pentium II
On board DAC programs the output voltage
from 1.3V to 3.5V
Linear regulator controller on board for 1.5V
GTL+ supply
Loss less Short Circuit Protection with HICCUP
Synchronous operation allows maximum effi-
ciency
Patented architecture allows fixed frequency
operation as well as 100% duty cycle during
dynamic load
Soft Start
High current totem pole driver for direct driv-
ing of the external Power MOSFET
Power Good function Monitors all Outputs
OVP Circuitry Protects the Switcher Output and
generates a Fault signal
Thermal Shutdown
Logic Level Enable Input
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
PRELIMINARY DATASHEET
FEATURES
FEATURES
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS
LDO CONTROLLER AND 200mA LDO ON BOARD
APPLICATIONS
APPLICATIONS
Total Power Soloution for Pentium II processor
application
Notes: Pentium II is trade mark of Intel Corp.
Ta (
°C)
Device
Package
0 TO 70
US3018CW
24 pin Plastic SOIC WB
3018app3-1.1
LINEAR
CONTROL
LINEAR
REGULATOR
SWITCHER1
CONTROL
US3018
Vout3
5V
Vout1
Vout2
3.3V


Numéro de pièce similaire - US3018

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010ACW UNISEM-US3010ACW Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010CW UNISEM-US3010CW Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Description similaire - US3018

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com