Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GSDOM22V Fiches technique(PDF) 7 Page - Transcend Information. Inc.

No de pièce TS4GSDOM22V
Description  22P Vertical Type SATA Flash Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDOM22V Fiches technique(HTML) 7 Page - Transcend Information. Inc.

Back Button TS4GSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 10Page - Transcend Information. Inc. TS4GSDOM22V Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
7
Command Set
Command Set
Command Set
Command Set
Command
Code
FR
SC
SN
CY
DH
LBA
Status
Note
1
Check Power Mode
E5 or 98h
Y
Support
2
Execute Drive Diagnostic
90h
Y
Support
3
Erase Sector
C0h
Y
Y
Y
Y
Y
Support
4
Flush Cache
E7h
Y
Support
5
Format Track
50h
Y
Y
Y
Y
Support
6
Identify Device
ECh
Y
Support
7
Idle
E3h or 97h
Y
Y
Support
8
Idle Immediate
E1h or 95h
Y
Support
9
Initialize Drive Parameters
91h
Y
Y
Support
10
NOP
00h
Y
Support
11
Read Buffer
E4h
Y
Support
12
Read DMA
C8h
Y
Y
Y
Y
Y
Support
13
Read Multiple
C4h
Y
Y
Y
Y
Y
Support
14
Read Sector(s)
20h or 21h
Y
Y
Y
Y
Y
Support
15
Read Verify Sector(s)
40h or 41h
Y
Y
Y
Y
Y
Support
16
Recalibrate
1Xh
Y
Support
17
Request Sense
03h
Y
Support
18
Security Disable Password
F6h
Y
Support
19
Security Erase Prepare
F3h
Y
Support
20
Security Erase Unit
F4h
Y
Support
21
Security Freeze Lock
F5h
Y
Support
22
Security Set Password
F1h
Y
Support
23
Security Unlock
F2h
Y
Support
24
Seek
7Xh
Y
Y
Y
Y
Support
25
Set Feature
EFh
Y
Y
Support
26
Set Multiple Mode
C6h
Y
Y
Support
27
Set Sleep Mode
E6h or 99h
Y
Support
28
Standby
E2 or 96h
Y
Support
29
Standby Immediate
E0 or 94h
Y
Support


Numéro de pièce similaire - TS4GSDOM22V

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GSDOM7H TRANSCEND-TS4GSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
More results

Description similaire - TS4GSDOM22V

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GSDO22H TRANSCEND-TS4GSDO22H Datasheet
1Mb / 11P
   22P Horizontal Type SATA Flash Modules
TS128MSDOM7H TRANSCEND-TS128MSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
   SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
   SATA III NAND Flash Controller
logo
Axiomtek Co., Ltd.
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
TE Connectivity Ltd
C-1735284 TEC-C-1735284 Datasheet
801Kb / 5P
   SATA BACKPLANE RECEPTACLE, VERTICAL, SMT
logo
Assmann Electronics Inc...
AK-400203-005-R ASSMANN-AK-400203-005-R Datasheet
221Kb / 2P
   SATA Slot Bracket cable, L-type
logo
Adam Technologies, Inc.
SATA-N-PM-VT-SMT-02 ADAM-TECH-SATA-N-PM-VT-SMT-02 Datasheet
101Kb / 1P
   SATA DIP SINGLE ROW TYPE FEMALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com