Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS16GCF600 Fiches technique(PDF) 6 Page - Transcend Information. Inc.

No de pièce TS16GCF600
Description  600X CompactFlash Card
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GCF600 Fiches technique(HTML) 6 Page - Transcend Information. Inc.

Back Button TS16GCF600 Datasheet HTML 2Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 3Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 4Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 5Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 6Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 7Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 8Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 9Page - Transcend Information. Inc. TS16GCF600 Datasheet HTML 10Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
6
PC Card Memory Mode
PC Card I/O Mode
True IDE Mode4
Pin
Num
Signal Name
Pin
Type
In, Out
Type
Pin
Num
Signal Name
Pin
Type
In, Out
Type
Pin
Num
Signal Name
Pin
Type
In, Out
Type
-HIOE
7
HSTROBE
8
34
-HIOE
HSTROBE
10
HDMARDY
11
I
I3U
34
-HIOE
HSTROBE
10
-HDMARDY
11
I
I3U
34
-HDMARDY
9
I
I3Z
-IOWR
-IOWR
-IOWR
7
35
STOP
10,11
I
I3U
35
STOP
10,11
I
I3U
35
STOP
8,9
I
I3Z
36
-WE
I
I3U
36
-WE
I
I3U
36
-WE
3
I
I3U
37
READY
O
OT1
37
-IREQ
O
OT1
37
INTRQ
O
OZ1
38
VCC
Power
38
VCC
Power
38
VCC
Power
39
-CSEL
5
I
I2Z
39
-CSEL
5
I
I2Z
39
-CSEL
I
I2U
40
-VS2
O
OPEN
40
-VS2
O
OPEN
40
-VS2
O
OPEN
41
RESET
I
I2Z
41
RESET
I
I2Z
41
-RESET
I
I2Z
-WAIT
-WAIT
IORDY
7
ON1
-DDMARDY
10
-DDMARDY
10
-DDMARDY
8
42
DSTROBE
11
O
OT1
42
DSTROBE
11
O
OT1
42
DSTROBE
9
O
OT1
13
-INPACK
-INPACK
43
-DMARQ
12
O
OT1
43
-DMARQ
12
O
OT1
43
DMARQ
O
OZ1
-REG
I
I3U
44
-REG
44
-DMACK
12
DMACK
12
I
I3U
44
-DMACK
6
I
I3U
45
BVD2
O
OT1
45
-SPKR
O
OT1
45
-DASP
I/O
I1U, ON1
46
BVD1
O
OT1
46
-STSCHG
O
OT1
46
-PDIAG
I/O
I1U, ON1
47
D08
1
I/O
I1Z,
OZ3
47
D08
1
I/O
I1Z,
OZ3
47
D08
1
I/O
I1Z, OZ3
48
D09
1
I/O
I1Z,
OZ3
48
D09
1
I/O
I1Z,
OZ3
48
D09
1
I/O
I1Z, OZ3
49
D10
1
I/O
I1Z,
OZ3
49
D10
1
I/O
I1Z,
OZ3
49
D10
1
I/O
I1Z, OZ3
50
GND
Ground
50
GND
Ground
50
GND
Ground
Note: 1) These signals are required only for 16 bit accesses and not required when installed in 8 bit systems. Devices should allow for 3-state
signals not to consume current.
2) The signal should be grounded by the host.
3) The signal should be tied to VCC by the host.
4) The mode is required for CompactFlash Storage Cards.
5) The -CSEL signal is ignored by the card in PC Card modes. However, because it is not pulled upon the card in these modes,
it should not be left floating by the host in PC Card modes. In these modes, the pin should be connected by the host to PC
Card A25 or grounded by the host.
6) If DMA operations are not used, the signal should be held high or tied to VCC by the host. For proper operation in older hosts: while DMA
operations are not active, the card shall ignore this signal,including a floating condition
7) Signal usage in True IDE Mode except when Ultra DMA mode protocol is active.
8) Signal usage in True IDE Mode when Ultra DMA mode protocol DMA Write is active.
9) Signal usage in True IDE Mode when Ultra DMA mode protocol DMA Read is active.
10) Signal usage in PC Card I/O and Memory Mode when Ultra DMA mode protocol DMA Write is active.
11) Signal usage in PC Card I/O and Memory Mode when Ultra DMA mode protocol DMA Read is active.
12) Signal usage in PC Card I/O and Memory Mode when Ultra DMA protocol is active.


Numéro de pièce similaire - TS16GCF600

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS16GCF100I-P TRANSCEND-TS16GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS16GCF133 TRANSCEND-TS16GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS16GCF200I TRANSCEND-TS16GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Description similaire - TS16GCF600

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com