Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS8GCF600 Fiches technique(PDF) 11 Page - Transcend Information. Inc.

No de pièce TS8GCF600
Description  600X CompactFlash Card
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Fiches technique(HTML) 11 Page - Transcend Information. Inc.

Back Button TS8GCF600 Datasheet HTML 7Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 8Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 9Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 10Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 11Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 12Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 13Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 14Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
11
Signal Name
Dir.
Pin
Description
-INPACK
(PC Card Memory Mode except
Ultra DMA Protocol Active)
-INPACK
(PC Card I/O Mode except Ultra
DMA Protocol Active)
Input Acknowledge
-DMARQ
(PC Card Memory Mode -Ultra
DMA Protocol Active)
-DMARQ
(PC Card I/O Mode -Ultra DMA
Protocol Active)
DMARQ
(True IDE Mode)
O
43
This signal is not used in this mode.
The Input Acknowledge signal is asserted by the CompactFlash Storage Card
when the card is selected and responding to an I/O read cycle at the address
that is on the address bus. This signal is used by the host to control the enable of
any input data buffers between the CompactFlash Storage Card and the CPU.
Hosts that support a single socket per interface logic, such as for Advanced
Timing Modes and Ultra DMA operation may ignore the –INPACK signal from
the device and manage their input buffers based solely on Card Enable signals.
This signal is a DMA Request that is used for DMA data transfers between host
and device. It shall be asserted by the device when it is ready to transfer data to
or from the host. For Multiword DMA transfers, the direction of data transfer is
controlled by -HIOE and -IOWR. This signal is used in a handshake manner with
(-)DMACK, i.e., the device shall wait until the host asserts (-)DMACK before
negating (-)DMARQ, and re-asserting (-)DMARQ if there is more data to
transfer.
In PCMCIA I/O Mode, the -DMARQ shall be ignored by the host while the host is
performing an I/O Read cycle to the device. The host shall not initiate an I/O
Read cycle while -DMARQ is asserted by the device.
In True IDE Mode, DMARQ shall not be driven when the device is not selected in
the Drive-Head register.
While a DMA operation is in progress, -CS0 (-CE1)and -CS1 (-CE2) shall be
held negated and the width of the transfers shall be 16 bits.
If there is no hardware support for True IDE DMA mode in the host, this output
signal is not used and should not be connected at the host. In this case, the
BIOS must report that DMA mode is not supported by the host so that device
drivers will not attempt DMA mode operation.
A host that does not support DMA mode and implements both PC Card and True
IDE modes of operation need not alter the PC Card mode connections while in
True IDE mode as long as this does not prevent proper operation in any mode.
-HIOE
(PC Card Memory Mode except
Ultra DMA Protocol Active)
-HIOE
(PC Card I/O Mode except Ultra
DMA Protocol Active)
-HIOE
(True IDE Mode – Except Ultra
DMA Protocol Active)
-HDMARDY
(All Modes - Ultra DMA Protocol
DMA Read)
HSTROBE
(All Modes - Ultra DMA Protocol
DMA Write)
I
34
This signal is not used in this mode.
This is an I/O Read strobe generated by the host. This signal gates I/O data onto
the bus from the CompactFlash Storage Card when the card is configured to use
the I/O interface.
In True IDE Mode, while Ultra DMA mode is not active, this signal has the same
function as in PC Card I/O Mode.
In all modes when Ultra DMA mode DMA Read is active, this signal is asserted
by the host to indicate that the host is ready to receive Ultra DMA data-in bursts.
The host may negate – HDMARDY to pause an Ultra DMA transfer.
In all modes when Ultra DMA mode DMA Write is active, this signal is the data
out strobe generated by the host. Both the rising and falling edge of HSTROBE
cause data to be latched by the device. The host may stop generating
HSTROBE edges to pause an Ultra DMA data-out burst.


Numéro de pièce similaire - TS8GCF600

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF133 TRANSCEND-TS8GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS8GCF200I TRANSCEND-TS8GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Description similaire - TS8GCF600

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com