Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS0GSJ25S Fiches technique(PDF) 3 Page - Transcend Information. Inc.

No de pièce TS0GSJ25S
Description  IDE HDD Enclosure
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS0GSJ25S Fiches technique(HTML) 3 Page - Transcend Information. Inc.

  TS0GSJ25S Datasheet HTML 1Page - Transcend Information. Inc. TS0GSJ25S Datasheet HTML 2Page - Transcend Information. Inc. TS0GSJ25S Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S
S
Sttto
o
orrre
eeJ
JJe
eetttT
T
TM
M
M 222...555 IIID
D
DE
E
E s
sse
eerrriiie
ees
ss
IDE HDD Enclosure
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal
The pairs are used to transmit
Data/Address/Command
VCC
USB Cable Power Detector
VSS
Ground
Specifications
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as
to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time
without prior notice
Environment
Storage Media
2.5 inch IDE Hard Disk
Temperature
Operation
5 ℃ to 55 ℃
Storage
-40 ℃ to 70 ℃
System Performance
Read Speed
30 MB/sec (Max.)
Write Speed
26 MB/sec (Max.)
Power Supply
USB DC 5 Volt
Size (L x W x H)
129mmx79.9mmx13mm
Weight
Without Hard Drive
Max. 88g
Certificates
CE, FCC, BSMI


Numéro de pièce similaire - TS0GSJ25S

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS0GSJ25S-S TRANSCEND-TS0GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
More results

Description similaire - TS0GSJ25S

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS0GSJ25P TRANSCEND-TS0GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
TS160GSJ25M TRANSCEND-TS160GSJ25M Datasheet
90Kb / 3P
   SATA HDD Enclosure
TS1TSJ35T TRANSCEND-TS1TSJ35T Datasheet
97Kb / 3P
   SATA HDD Enclosure
TS250GSJ25C TRANSCEND-TS250GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S-S TRANSCEND-TS0GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
logo
Axiomtek Co., Ltd.
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
   Supports one 2.5 IDE or SATA HDD
logo
Transcend Information. ...
TS120GSJ18M TRANSCEND-TS120GSJ18M Datasheet
94Kb / 3P
   ZIF PATA HDD Enclosure
logo
Coolgear Inc.
USB-31SA25MB COOLGEAR-USB-31SA25MB Datasheet
508Kb / 2P
   B SATA 2.5 HDD Enclosure
logo
List of Unclassifed Man...
UA0115 ETC-UA0115 Datasheet
427Kb / 1P
   USB3.0 HDD Enclosure for 2.5
logo
CTS Corporation
RT1200B7 CTS-RT1200B7 Datasheet
117Kb / 2P
   Memory & IDE Terminator
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com