Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E157FNR2 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC10E157FNR2
Description  QUAD 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10E157FNR2 Fiches technique(HTML) 2 Page - Motorola, Inc

  MC10E157FNR2 Datasheet HTML 1Page - Motorola, Inc MC10E157FNR2 Datasheet HTML 2Page - Motorola, Inc MC10E157FNR2 Datasheet HTML 3Page - Motorola, Inc MC10E157FNR2 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E157 MC100E157
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
IIH
Input HIGH Current
µA
D
200
200
200
SEL
150
150
150
IEE
Power Supply Current
mA
10E
32
38
32
38
32
38
100E
32
38
32
38
37
44
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D
220
380
550
220
380
550
220
380
550
SEL
425
600
800
425
600
800
425
600
800
tSKEW
Within-Device Skew
70
70
70
ps
1
tr
Rise/Fall Times
ps
tf
20 - 80%
275
400
650
275
400
650
275
400
650
1. Within-device skew is defined as identical transitions on similar paths through a device.


Numéro de pièce similaire - MC10E157FNR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E157FNR2 ONSEMI-MC10E157FNR2 Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10E157FNR2G ONSEMI-MC10E157FNR2G Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
More results

Description similaire - MC10E157FNR2

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
59Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com