Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1GMMC Fiches technique(PDF) 10 Page - Transcend Information. Inc.

No de pièce TS1GMMC
Description  MultiMediaCard
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GMMC Fiches technique(HTML) 10 Page - Transcend Information. Inc.

Back Button TS1GMMC Datasheet HTML 2Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 3Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 4Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 5Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 6Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 7Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 8Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 9Page - Transcend Information. Inc. TS1GMMC Datasheet HTML 10Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GM
M
MM
M
MC
C
C
MultiMediaCard
Transcend Information Inc.
10
Reliability and Durability
Temperature
Operation: -25°C / 85°C
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Stress: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
ESD protection
Contact Pads:
+/-4kV, Human body model according to ANSI EOS/ESD-S5.1-1998
Non Contact Pads area:
+/-8kV(coupling plane discharge)
+/-15kV(air discharge)
Human body model according to IEC61000-4-2
Durability
10.000 mating cycles; test procedure: t.b.d.
Bending
t.b.d.
Torque
t.b.d.
Drop test
1.5m free fall
UV light exposure
UV: 200nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness sigma
-0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Above technical information is based on MMC.3 31 standard specification and tested to be reliable. However, Transcend
makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of
this product. Transcend reserves the right to make changes in specifications at any time without prior notice.


Numéro de pièce similaire - TS1GMMC

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS1GMMC4 TRANSCEND-TS1GMMC4 Datasheet
338Kb / 11P
   MMCplus memory card
More results

Description similaire - TS1GMMC

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com