Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS512MMC4 Fiches technique(PDF) 4 Page - Transcend Information. Inc.

No de pièce TS512MMC4
Description  MMCplus memory card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MMC4 Fiches technique(HTML) 4 Page - Transcend Information. Inc.

  TS512MMC4 Datasheet HTML 1Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 2Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 3Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 4Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 5Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 6Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 7Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 8Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~4
4
4G
G
GM
M
MM
M
MC
C
C4
4
4
MMCplus
Transcend Information Inc.
4
DC Characteristics
• Power Supply
(Ta=-25℃ to 85℃,VDDH=2.7V to3.6V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Output Low Voltage (OD)
VODOL
0.3
V
IOL =2mA
Output High Voltage (PP)
VOH
0.75* VDDH
V
IOH =-100uA
Output Low Voltage (PP)
VOL
0.125* VDDH
V
IOL =100uA
Input High Voltage
VIH
0.625* VDDH
VDDH +0.3
V
Input Low Voltage
VIL
-0.3
0.25* VDDH
V
Operating Current
ICC
20(TBD)
mA
IVCCF =0mA
Stand-by Current
ISB
400(TBD)
uA
Input Leakage Current
ILI
-10/+10
uA
VIN =0 to VDDH
Output Leakage Current
ILO
-10/+10
uA
VOUT =0 to VDDH
Pin Capacitance
CP
7
pF
Power Output Voltage
VF
1.50
1.8
1.95
V
IF<=240mA


Numéro de pièce similaire - TS512MMC4

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS512MMC TRANSCEND-TS512MMC Datasheet
266Kb / 10P
   MultiMediaCard
More results

Description similaire - TS512MMC4

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS128MSDM TRANSCEND-TS128MSDM Datasheet
197Kb / 6P
   numiniSD Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM230-CFAST APACER-SM230-CFAST Datasheet
1Mb / 4P
   flash memory card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com