Moteur de recherche de fiches techniques de composants électroniques |
|
TS128MMC4 Fiches technique(PDF) 11 Page - Transcend Information. Inc. |
|
TS128MMC4 Fiches technique(HTML) 11 Page - Transcend Information. Inc. |
11 / 11 page T T TS S S1 1 12 2 28 8 8M M M~ ~ ~4 4 4G G GM M MM M MC C C4 4 4 MMCplus Transcend Information Inc. 11 Reliability and Durability Temperature Operation: -25°C / 85°C Storage: -40°C (168h) / 85°C (500h) Junction temperature: max. 95°C Moisture and corrosion Operation: 25°C / 95% rel. humidity Stress: 40°C / 93% rel. hum./500h Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009 ESD protection Contact Pads: +/-4kV, Human body model according to ANSI EOS/ESD-S5.1-1998 Non Contact Pads area: +/-8kV(coupling plane discharge) +/-15kV(air discharge) Human body model according to IEC61000-4-2 Durability 10.000 mating cycles; test procedure: t.b.d. Bending t.b.d. Torque t.b.d. Drop test 1.5m free fall UV light exposure UV: 200nm, 15Ws/cm² according to ISO 7816-1 Visual inspection Shape and form No warp page; no mold skin; complete form; no cavities surface smoothness sigma -0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.) Above technical information is based on MMC4.0 standard specification and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time without prior notice. |
Numéro de pièce similaire - TS128MMC4 |
|
Description similaire - TS128MMC4 |