Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS8GSDHC6V Fiches technique(PDF) 11 Page - Transcend Information. Inc.

No de pièce TS8GSDHC6V
Description  4GB~16GB SDHC6 HD Video Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GSDHC6V Fiches technique(HTML) 11 Page - Transcend Information. Inc.

Back Button TS8GSDHC6V Datasheet HTML 7Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 8Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 9Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 10Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 11Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 12Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 13Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 14Page - Transcend Information. Inc. TS8GSDHC6V Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HD Video Card Series
4GB~16GB SDHC6 HD Video Card
Transcend Information Inc.
11
Register Information
Within the card interface six registers are defined: OCR, CID, CSD, RCA, DSR and SCR. These can be accessed only
by corresponding commands (see Chapter 4.7). The OCR, CID, CSD and SCR registers carry the card/content specific
information, while the RCA and DSR registers are configuration registers storing actual configuration parameters.
1. OCR register
The 32-bit operation conditions register stores the VDD voltage profile of the card. Additionally, this register
includes status information bits. One status bit is set if the card power up procedure has been finished. This register
includes another status bit indicating the card capacity status after set power up status bit. The OCR register shall be
implemented by the cards. The 32-bit operation conditions register stores the VDD voltage profile of the card. Bit 7 of
OCR is newly defined for Dual Voltage Card and set to 0 in default. If a Dual Voltage Card does not receive CMD8, OCR
bit 7 in the response indicates 0, and the Dual Voltage Card which received CMD8, sets this bit to 1.
Additionally, this register includes 2 more status information bits. Bit 31 - Card power up status bit, this status bit is
set if the card power up procedure has been finished. Bit 30 - Card capacity status bit, this status bit is set to 1 if card is
High Capacity SD Memory Card. 0 indicates that the card is Standard Capacity SD Memory Card. The Card Capacity
status bit is valid after the card power up procedure is completed and the card power up status bit is set to 1. The Host
shall read this status bit to identify a Standard or High Capacity SD Memory Card.
The OCR register shall be implemented by the cards.
OCR Register Definition


Numéro de pièce similaire - TS8GSDHC6V

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS8GSDHC6 TRANSCEND-TS8GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS8GSDHC6-P2 TRANSCEND-TS8GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Description similaire - TS8GSDHC6V

FabricantNo de pièceFiches techniqueDescription
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
MT29F8G08DAAWCA MICRON-MT29F8G08DAAWCA Datasheet
2Mb / 81P
   4Gb, 8Gb, and 16Gb x8 NAND Flash Memory
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
List of Unclassifed Man...
KVR18R13S8K4-16 ETC2-KVR18R13S8K4-16 Datasheet
124Kb / 2P
   16GB (4GB 1RX8 512M x 72-Bit x 4 pcs.) PC3-14900
KVR16R11S8K4-16I ETC2-KVR16R11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
KVR16LR11S8K4-16I ETC2-KVR16LR11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16LR11S8K4-16 ETC2-KVR16LR11S8K4-16 Datasheet
113Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16R11S8K4-16 ETC2-KVR16R11S8K4-16 Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
logo
3PEAK INC.
TPF147 3PEAK-TPF147 Datasheet
1Mb / 13P
   TPF147 Selectable One HD/Full-HD Video Filter
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com