Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS16GJF300 Fiches technique(PDF) 1 Page - Transcend Information. Inc.

No de pièce TS16GJF300
Description  16GB USB2.0 JetFlash짰300
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJF300 Fiches technique(HTML) 1 Page - Transcend Information. Inc.

  TS16GJF300 Datasheet HTML 1Page - Transcend Information. Inc. TS16GJF300 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
F3
3
30
0
00
0
0
16GB USB2.0 JetFlash
®300
Transcend Information Inc.
1
Description
TS16GJF300 is a 16GB USB Flash Drive with 1pcs of
16Gbx8 Flash Memory assembled on printed circuit
board.
Outline
Features
• Frame Color: Purple
• Fully compatible with hi-speed USB 2.0
• Easy Plug and Play installation
• USB powered. No external power or battery needed
• LED indicates the usage status
• JetFlash elite software pack*
System Requirement
• Hardware: Desktop or notebook computer with USB port
• Operating System: Windows® 7/ Vista/ XP/ Me/ 2000 and
Mac OS 9.0 or later, Linux Kernel 2.4.2 or later
Dimensions
Side
Millimeters
Inches
A
60.00
± 0.10
2.36
± 0.004
B
18.84
± 0.10
0.74
± 0.004
C
8.64
± 0.10
0.34
± 0.004
*JetFlash software pack
Function
Favorites
store your favorite website addresses on the
JetFlash
AutoLogin automatically login to websites
Secret-Zip compress and/or password protect saved files
PC-Lock
makes JetFlash a key to your computer
E-Mail
securely send, receive and save e-mails
DataBackup backup, restore and synchronize your data


Numéro de pièce similaire - TS16GJF300

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJF2A TRANSCEND-TS16GJF2A Datasheet
75Kb / 3P
   16GB USB2.0 JetFlash짰2A
TS16GJF600 TRANSCEND-TS16GJF600 Datasheet
64Kb / 2P
   16GB USB2.0 JetFlash??00
TS16GJF790K TRANSCEND-TS16GJF790K Datasheet
757Kb / 2P
   USB 3.1 Gen 1
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
More results

Description similaire - TS16GJF300

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GJF300 TRANSCEND-TS4GJF300 Datasheet
48Kb / 2P
   4GB USB2.0 JetFlash짰300
TS8GJF300 TRANSCEND-TS8GJF300 Datasheet
48Kb / 2P
   8GB USB2.0 JetFlash짰300
TS16GJF2A TRANSCEND-TS16GJF2A Datasheet
75Kb / 3P
   16GB USB2.0 JetFlash짰2A
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJFV85 TRANSCEND-TS16GJFV85 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧85
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
TS16GJF600 TRANSCEND-TS16GJF600 Datasheet
64Kb / 2P
   16GB USB2.0 JetFlash??00
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com