Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GJF130 Fiches technique(PDF) 3 Page - Transcend Information. Inc.

No de pièce TS4GJF130
Description  4GB USB2.0 JetFlash?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GJF130 Fiches technique(HTML) 3 Page - Transcend Information. Inc.

  TS4GJF130 Datasheet HTML 1Page - Transcend Information. Inc. TS4GJF130 Datasheet HTML 2Page - Transcend Information. Inc. TS4GJF130 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S4
4
4G
G
GJ
J
JF
F
F1
1
13
3
30
0
0
4GB USB2.0 JetFlash
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal:
The pairs are used to transmit
Data/Address/Command
VSS
Ground
VCC
USB power input
Specifications
Storage Capacity
4GB
Data Retention
10 years
Erase Cycles
>100,000 times
Connector Durability
10,000 times
System Performance
Read: 16MB/sec (max.), Write: 12MB/sec (max.)
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Storage: -20oC-75oC
Weight
10g
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.


Numéro de pièce similaire - TS4GJF130

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GJF110 TRANSCEND-TS4GJF110 Datasheet
95Kb / 2P
   4GB USB2.0 JetFlash??10
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF160 TRANSCEND-TS4GJF160 Datasheet
60Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
More results

Description similaire - TS4GJF130

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF160 TRANSCEND-TS4GJF160 Datasheet
60Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF220 TRANSCEND-TS4GJF220 Datasheet
58Kb / 2P
   4GB USB2.0 JetFlash??20
TS4GJFV15 TRANSCEND-TS4GJFV15 Datasheet
72Kb / 2P
   4GB USB2.0 JetFlash?줧15
TS4GJFV10 TRANSCEND-TS4GJFV10 Datasheet
71Kb / 2P
   4GB USB2.0 JetFlash?줧10
TS4GJFV35 TRANSCEND-TS4GJFV35 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줧35
TS4GJFV90C TRANSCEND-TS4GJFV90C Datasheet
45Kb / 2P
   4GB USB2.0 JetFlash?줧90C
TS4GJFT3 TRANSCEND-TS4GJFT3 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줥3
TS4GJFV33 TRANSCEND-TS4GJFV33 Datasheet
51Kb / 2P
   4GB USB2.0 JetFlash?줧33
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com