Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GSDHC6-P2 Fiches technique(PDF) 8 Page - Transcend Information. Inc.

No de pièce TS4GSDHC6-P2
Description  SDHC Memory Card Reader P2
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC6-P2 Fiches technique(HTML) 8 Page - Transcend Information. Inc.

Back Button TS4GSDHC6-P2 Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 9Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 10Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 11Page - Transcend Information. Inc. TS4GSDHC6-P2 Datasheet HTML 12Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
T
T
TS
S
S4
4
4G
G
G---3
3
32
2
2G
G
GS
S
SD
D
DH
H
HC
C
C6
6
6---P
P
P2
2
2
SDHC Memory Card + Reader P2
Transcend Information Inc.
8
Bus Timing (High Speed Mode)
Parameter
Symbol
Min
Max.
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock frequency Data Transfer Mode
fPP
0
50
MHz
CCARD ≤ 10 pF, (1 card)
Clock low time
tWL
7
ns
CCARD ≤ 10 pF, (1 card)
Clock high time
tWH
7
ns
CCARD ≤ 10 pF, (1 card)
Clock rise time
tTLH
3
ns
CCARD ≤ 10 pF, (1 card)
Clock fall time
tTHL
3
ns
CCARD ≤ 10 pF, (1 card)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
6
ns
CCARD ≤ 10 pF, (1 card)
Input hold time
tIH
2
ns
CCARD ≤ 10 pF, (1 card)
Outputs CMD, DAT (referenced to CLK)


Numéro de pièce similaire - TS4GSDHC6-P2

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6V TRANSCEND-TS4GSDHC6V Datasheet
590Kb / 24P
   4GB~16GB SDHC6 HD Video Card
More results

Description similaire - TS4GSDHC6-P2

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
RP-SDMF08DA1 PANASONIC-RP-SDMF08DA1 Datasheet
405Kb / 2P
   SDHC/SDXC Memory Card, Consumer TLC Model
RP-SMSCXXDA1 PANASONIC-RP-SMSCXXDA1 Datasheet
311Kb / 2P
   microSD/SDHC Memory Card, Industrial SLC Model
RP-SDQEXXDA1 PANASONIC-RP-SDQEXXDA1 Datasheet
357Kb / 2P
   SDHC Memory Card, Consumer Plus pSLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMPE04DA1 PANASONIC-RP-SMPE04DA1 Datasheet
355Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus "SLC Lite" Model
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
logo
IOGEAR
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
   56-in-1 Memory Card Reader/Writer
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
List of Unclassifed Man...
AU6368 ETC2-AU6368 Datasheet
498Kb / 20P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com