Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2GPF810K Fiches technique(PDF) 3 Page - Transcend Information. Inc.

No de pièce TS2GPF810K
Description  Digital Photo Frame
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF810K Fiches technique(HTML) 3 Page - Transcend Information. Inc.

  TS2GPF810K Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF810K Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF810K Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F8
8
81
1
10
0
0K
K
K///W
W
W///B
B
B
PF810
Transcend Information Inc.
3
Specifications
Panel:
8” 4:3 TFT LCD, 800x600 pixels
Speakers:
L / R stereo speakers, 1.5w each
Headphone Jack:
3.5mm, 32 ohm
FM Jack
2.5mm
USB Interface:
1x standard A-Type, 1x mini B-Type
Internal Storage:
2GB NAND Flash
Data Retention:
Up to 10 years
Navigation:
8 touch keys and remote control
Remote Control:
Infrared, NEC protocol
Dimensions:
230mm × 180mm × 31mm
Power Supply:
Input: 100V~ 240V 0.3A, Output: 5V DC 2.0A
Operating Temperature
0℃ (32℉) ~ 40℃ (104℉)
Picture Formats:
DSC JPEG (up to 8000 x 8000), BMP (800 x 600),
Video Formats:
MPEG1/4 (SP/ASP), Motion JPEG.
( AVI, MOV, MPG, MP4, 3GP; Up to 720x576 @ 30FPS)
Music Formats:
MP3, WMA (Non-DRM), WAV
Supported Music Bit Rates:
32Kbps–320Kbps
FM Frequency Range
World: 87.5 ~ 108.0 MHz
Japan: 76 ~ 90 MHz
Certificates:
CE, FCC, BSMI
Warranty:
Panel: 1-year, (maximum 4 defective pixels)
Device: 2-years


Numéro de pièce similaire - TS2GPF810K

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GPF720K TRANSCEND-TS2GPF720K Datasheet
427Kb / 5P
   T.photo??720
TS2GPF720K/W TRANSCEND-TS2GPF720K/W Datasheet
427Kb / 5P
   T.photo??720
TS2GPF720W TRANSCEND-TS2GPF720W Datasheet
427Kb / 5P
   T.photo??720
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
   Digital Photo Frames
TS2GPF730B-J TRANSCEND-TS2GPF730B-J Datasheet
71Kb / 2P
   Digital Photo Frames
More results

Description similaire - TS2GPF810K

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CCM001V1 STMICROELECTRONICS-STEVAL-CCM001V1 Datasheet
252Kb / 5P
   Digital photo frame demonstration board based on the STM32F103RB microcontroller
November 2008 Rev 1
logo
Transcend Information. ...
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
   Digital Photo Frames
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
logo
New Japan Radio
NJL5801K NJRC-NJL5801K Datasheet
171Kb / 5P
   DIGITAL OUTPUT PHOTO REFLECTOR???
NJL5802K NJRC-NJL5802K Datasheet
180Kb / 5P
   DIGITAL OUTPUT PHOTO REFLECTOR
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
   High Reliability Digital Output IC Photo IC Photo Coupler
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
COSMO Electronics Corp...
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
   High Reliability Digital Output IC Photo IC Photo Coupler
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com