Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2GJFV20 Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS2GJFV20
Description  2GB USB2.0 JetFlash?줧20
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GJFV20 Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS2GJFV20 Datasheet HTML 1Page - Transcend Information. Inc. TS2GJFV20 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GJ
J
JF
F
FV
V
V2
2
20
0
0
2GB USB2.0 JetFlash™V20
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB differential signal
04
VSS
Ground
Specifications
Storage Capacity
2GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 6MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Non-Operating: -20oC-75oC
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Numéro de pièce similaire - TS2GJFV20

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GJFV10 TRANSCEND-TS2GJFV10 Datasheet
76Kb / 2P
   2GB USB2.0 JetFlash?줧10
TS2GJFV15 TRANSCEND-TS2GJFV15 Datasheet
77Kb / 2P
   2GB USB2.0 JetFlash?줧15
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV33 TRANSCEND-TS2GJFV33 Datasheet
49Kb / 2P
   2GB USB2.0 JetFlash?줧33
TS2GJFV35 TRANSCEND-TS2GJFV35 Datasheet
67Kb / 2P
   2GB USB2.0 JetFlash?줧35
More results

Description similaire - TS2GJFV20

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS8GJFV20 TRANSCEND-TS8GJFV20 Datasheet
47Kb / 2P
   8GB USB2.0 JetFlash?줧20
TS1GJFV20 TRANSCEND-TS1GJFV20 Datasheet
47Kb / 2P
   1GB USB2.0 JetFlash?줧20
TS16GJFV20 TRANSCEND-TS16GJFV20 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧20
TS4GJFV20 TRANSCEND-TS4GJFV20 Datasheet
47Kb / 2P
   4GB USB2.0 JetFlash?줧20
TS32GJFV20 TRANSCEND-TS32GJFV20 Datasheet
47Kb / 2P
   32GB USB2.0 JetFlash?줧20
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF185 TRANSCEND-TS2GJF185 Datasheet
54Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com