Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2GPF730W-J Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS2GPF730W-J
Description  Digital Photo Frames
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF730W-J Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS2GPF730W-J Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF730W-J Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F7
7
73
3
30
0
0B
B
B///W
W
W///B
B
B---J
J
J///W
W
W---J
J
J
PF730
Transcend Information Inc.
2
Specifications
Panel
7” 4:3 TFT LCD, 800x600 pixels
Speaker
Single 0.5w speaker
USB Interface
1x standard A-Type, 1x mini B-Type
Internal Storage
2GB NAND Flash
Data Retention
Up to 10 years
Navigation
8 rear-mounted buttons and remote control
Remote Control
Infrared, NEC protocol
Dimensions
194mm × 160mm × 29mm
Power Supply
Input: 100V~ 240V 0.3A, Output: 5V DC 2.0A
Operating Temperature
0ºC (32ºF) ~ 40ºC (104ºF)
Image Formats
DSC JPEG (up to 9000 x 6750),
Video Formats
Motion JPEG.
(AVI & MOV; up to 720x480 @ 30FPS)
Music Formats
MP3, WMA (Non-DRM), WAV
Supported Music Bit Rates
32Kbps–320Kbps (MP3)
32Kbps–192Kbps (WMA)
Certificates
CE, FCC, BSMI
Warranty
Panel: 1-year, (maximum 4 defective pixels)
Device: 2-years
Ordering Information
Transcend P/N
Memory Size
Device Description
TS2GPF730K
2GB
PF730 Black
TS2GPF730W
2GB
PF730 White
TS2GPF730K-J
2GB
PF730 Black
(Japan version)
TS2GPF730W-J
2GB
PF730 White
(Japan version)


Numéro de pièce similaire - TS2GPF730W-J

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GPF720K TRANSCEND-TS2GPF720K Datasheet
427Kb / 5P
   T.photo??720
TS2GPF720K/W TRANSCEND-TS2GPF720K/W Datasheet
427Kb / 5P
   T.photo??720
TS2GPF720W TRANSCEND-TS2GPF720W Datasheet
427Kb / 5P
   T.photo??720
More results

Description similaire - TS2GPF730W-J

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX92745 CONEXANT-CX92745 Datasheet
522Kb / 2P
   Connected Digital Frames
logo
Transcend Information. ...
TS2GPF810K TRANSCEND-TS2GPF810K Datasheet
147Kb / 3P
   Digital Photo Frame
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
logo
New Japan Radio
NJL5801K NJRC-NJL5801K Datasheet
171Kb / 5P
   DIGITAL OUTPUT PHOTO REFLECTOR???
NJL5802K NJRC-NJL5802K Datasheet
180Kb / 5P
   DIGITAL OUTPUT PHOTO REFLECTOR
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
   High Reliability Digital Output IC Photo IC Photo Coupler
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
COSMO Electronics Corp...
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
   High Reliability Digital Output IC Photo IC Photo Coupler
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com