Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS64GCF400 Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS64GCF400
Description  400X CompactFlash Card
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS64GCF400 Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS64GCF400 Datasheet HTML 1Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 2Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 3Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 4Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 5Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 6Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 7Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 8Page - Transcend Information. Inc. TS64GCF400 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
T
T
TS
S
S1
1
16
6
6G
G
G~
~
~6
6
64
4
4G
G
GC
C
CF
F
F4
4
40
0
00
0
0
400X CompactFlash Card
Transcend Information Inc.
V1.0
2
Specification
* Note: 24-hours chamber test on ASUS Striker 2 Extreme, 1GB RAM, Windows
® XP Version 2002 SP3.
Interface Specification
Drivers
No Device Driver Required
ATA/ATAPI 7
PIO Mode 0 - 6
Multiword mode 0 - 4
ATA Compatibility
UDMA Mode 0 - 6
Physical Specification
Form Factor
Compact Flash Card
Storage Capacities
16 GB to 64 GB
Length
36.40 ± 0.15
Width
42.80 ± 0.10
Dimensions (mm)
Height
3.30 ± 0.10
Environmental Specifications
Operating Temperature
-25
to 85
Storage Temperature
-40
to 85
Humidity
Operating Humidity (Non condensation)
5% to 95%
Storage Humidity (Non condensation)
5% to 95%
Power Consumption
Product
TS16GF400
TS32GCF400
TS64GCF400
Standby
0.2mA
0.2mA
0.2mA
Read
221.0mA
225.7mA
231.6mA
Power
Consumption
(DC 3.3V @25
)
Write
213.2mA
231.7mA
205.7mA


Numéro de pièce similaire - TS64GCF400

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS64GJF790K TRANSCEND-TS64GJF790K Datasheet
757Kb / 2P
   USB 3.1 Gen 1
TS64GJF790W TRANSCEND-TS64GJF790W Datasheet
757Kb / 2P
   USB 3.1 Gen 1
TS64GJFV20 TRANSCEND-TS64GJFV20 Datasheet
113Kb / 3P
   64GB USB2.0 JetFlash짰V20
TS64GMSA370 TRANSCEND-TS64GMSA370 Datasheet
715Kb / 14P
   SATA III 6Gb/s mSATA SSD
TS64GMTS400 TRANSCEND-TS64GMTS400 Datasheet
284Kb / 2P
   SATA III M.2 SSDs
More results

Description similaire - TS64GCF400

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com