Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB16150CT Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce SB16150CT
Description  16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB16150CT Fiches technique(HTML) 1 Page - Won-Top Electronics

  SB16150CT Datasheet HTML 1Page - Won-Top Electronics SB16150CT Datasheet HTML 2Page - Won-Top Electronics SB16150CT Datasheet HTML 3Page - Won-Top Electronics SB16150CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB16150CT – SB16200CT
1 of 4
© 2008 Won-Top Electronics
Pb
SB16150CT – SB16200CT
16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
Features
Schottky Barrier Chip
B
Guard Ring for Transient Protection
Low Forward Voltage Drop
C
Low Reverse Leakage Current
High Surge Current Capability
G
A
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
D
Mechanical Data
F
E
Case: TO-220, Molded Plastic
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
Polarity: See Diagram
I
Weight: 2.24 grams (approx.)
Mounting Position: Any
H
L
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
Case, PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB16150CT
SB16200CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
200
V
RMS Reverse Voltage
VR(RMS)
105
140
V
Average Rectified Output Current
@TC = 95°C
IO
16
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 8.0A
VFM
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
TO-220
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
2.29
2.79
All Dimensions in mm


Numéro de pièce similaire - SB16150CT

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB16150CT PACELEADER-SB16150CT Datasheet
302Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB16150CT FORMOSA-SB16150CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB16150CT SUNMATE-SB16150CT Datasheet
514Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB16150CT

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SB16150FCT WTE-SB16150FCT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150FCT WTE-SB16150FCT Datasheet
48Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150F WTE-SB16150F Datasheet
45Kb / 4P
   16A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
September, 2012
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620CT WTE-SB1620CT_06 Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC Datasheet
47Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC_08 Datasheet
68Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com