Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51988 Fiches technique(PDF) 11 Page - Cyrustek corporation

No de pièce ES51988
Description  3 3/4 AUTO REL/MAX/MIN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51988 Fiches technique(HTML) 11 Page - Cyrustek corporation

Back Button ES51988 Datasheet HTML 7Page - Cyrustek corporation ES51988 Datasheet HTML 8Page - Cyrustek corporation ES51988 Datasheet HTML 9Page - Cyrustek corporation ES51988 Datasheet HTML 10Page - Cyrustek corporation ES51988 Datasheet HTML 11Page - Cyrustek corporation ES51988 Datasheet HTML 12Page - Cyrustek corporation ES51988 Datasheet HTML 13Page - Cyrustek corporation ES51988 Datasheet HTML 14Page - Cyrustek corporation ES51988 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
92年8月4日
ES51988
3 3/4 AUTO REL/MAX/MIN
Push mode
RANGE
The mode selection of Auto-mode and Manual-mode is determined
by RANGE pin. The following is the operating flow chart of Auto-mode
and Manual-mode.
Automatic
Mode
Manual
Mode
1 push < 1 sec
1 push > 1 sec
1 push < 1 sec
Range up
* If HOLD, MAX/MIN, REL function is enabled,when RANGE
function is pressed,the enabled function will be clear.
* The bargraph is not affected by HOLD, MAX/MIN, REL function.
Function
Auto
Manual
Control Range
Initial Range
Voltage
(AC/DC)
R1-R5
Ri → Ri+1
(R5→R1)
399.9mV
3999V
399.9mV(DC)
3.999V (AC)
uA(AC/DC)
R1-R2
R1 → R2
R2 → R1
399.9uA
3999uA
399.9uA
mA(AC/DC)
R1-R2
R1 → R2
R2 → R1
39.99mA
399.9mA
39.99mA
A(AC/DC)
Fix
Fix
39.99A
39.99A
Ω
R1-R6
Ri → Ri+1
(R6→R1)
399.9Ω
39.99MΩ
"OL"
399.9Ω
Continuity
Fix
Fix
399.9Ω
"OL"
399.9Ω
Diode
Fix
Fix
3.999V
"OL"
3.999V
Frequency
FR1-FR5
FRi→FRi+1
(FR5→FR1)
3.999KHZ
39.99MHZ
3.999KHZ


Numéro de pièce similaire - ES51988

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES51988 ETC-ES51988 Datasheet
254Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
More results

Description similaire - ES51988

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES51988 ETC-ES51988 Datasheet
254Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com