Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51966 Fiches technique(PDF) 7 Page - Cyrustek corporation

No de pièce ES51966
Description  4 3/4 and 5 3/4 A/D (Peak &Cap)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51966 Fiches technique(HTML) 7 Page - Cyrustek corporation

Back Button ES51966 Datasheet HTML 3Page - Cyrustek corporation ES51966 Datasheet HTML 4Page - Cyrustek corporation ES51966 Datasheet HTML 5Page - Cyrustek corporation ES51966 Datasheet HTML 6Page - Cyrustek corporation ES51966 Datasheet HTML 7Page - Cyrustek corporation ES51966 Datasheet HTML 8Page - Cyrustek corporation ES51966 Datasheet HTML 9Page - Cyrustek corporation ES51966 Datasheet HTML 10Page - Cyrustek corporation ES51966 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
06/04/25
7
ES51966
4 3/4 and 5 3/4 A/D (Peak &Cap)
from 40uF to 40000uF could only be counted up to 40,000 regardless the oscillator
frequency.
3 Frequency could only be counted up to 40,000 regardless the oscillator frequency. In
40Hz range, ES51966 can count from 0.5Hz to 40Hz; in 400Hz range, it can count
from 2.5Hz to 400Hz; in 4000Hz, it can count from 25Hz to 4000Hz.
4 In Current measurement, two input pins (IVSH and IVSL) are provided and can be
selected by Q2.
C0, C1, C2 In voltage (F[0:2] = “000”) and current (“010”) measurement, C0 & C1
are used for conversion rate selection:
C0
C1
Conversion/sec
Conversion period
0
1
20
50ms
0
0
10
100ms
10
5
200ms
11
2
500ms
10, 5, and 2 conversion/sec are 50Hz rejection, while 2 conversion/sec is both
of 50 Hz and 60Hz rejections.
In resistance measurement, the conversion period is:
C0
C1
Conversion period
0
1
70ms
0
0
140ms
1
0
280ms
1
1
700ms
When PEAK or PHCAL function is ON, the conversion period becomes:
C0
C1
Conversion period
0
1
55ms
0
0
110ms
1
0
220ms
1
1
550ms
In frequency and duty cycle (F[0:2] = “110”) measurement, only C0 is used
for conversion period selection. When the range is from 40Hz to 4000Hz, the
conversion periods are not selectable (see the description in Frequency and
duty cycle measurement); and when the range is from 40KHz to 400MHz, the
conversion period is decided by C0:
C0 Conversion period
0
110ms
11.1s
In voltage/current with frequency mode (F[0:2] = “001” and “011”), the
conversion period is fixed at 110ms, and C0, C1 & C2 decide the range of the
frequency measurement:
C0
C1
C2
Range
0-
-
40KHz
100
400KHz


Numéro de pièce similaire - ES51966

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES51966 ETC1-ES51966 Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
ES51966Q ETC1-ES51966Q Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
ES51966V ETC1-ES51966V Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
More results

Description similaire - ES51966

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
   4 3/4 and 5 3/4 A/D AUTO
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51989 ETC-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com