Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51965 Fiches technique(PDF) 10 Page - Cyrustek corporation

No de pièce ES51965
Description  Dual Display/PEAK
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51965 Fiches technique(HTML) 10 Page - Cyrustek corporation

Back Button ES51965 Datasheet HTML 6Page - Cyrustek corporation ES51965 Datasheet HTML 7Page - Cyrustek corporation ES51965 Datasheet HTML 8Page - Cyrustek corporation ES51965 Datasheet HTML 9Page - Cyrustek corporation ES51965 Datasheet HTML 10Page - Cyrustek corporation ES51965 Datasheet HTML 11Page - Cyrustek corporation ES51965 Datasheet HTML 12Page - Cyrustek corporation ES51965 Datasheet HTML 13Page - Cyrustek corporation ES51965 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
v2.5
09/04/14
10
ES51965(6600counts)
Dual Display/PEAK
2.4 Current measurement for clampmeter
ES51965 has 2 automatic and 4 manual current measurement modes for Clampmeter. The
following table summarizes the full-scale range of each mode. When ES51965 operate in
the automatic mode1&2, it takes high input from IVSH/IVSL (higher range/lower range),
low input from SGND with full scale 66mV and reference voltage from VR. When
ES51965 operates in the manual mode1~4, it takes high input from ADP, low input from
SGND with full scale 660mV and reference voltage from VA+ and VA-.
Mode
FC1~4
1VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
0
660.0A / 6600A
IVSL/IVSH V.S. SGND (66mV)
Automatic2
1,1,1,1
0
66.00A / 660.0A
IVSL/IVSH V.S. SGND (66mV)
Manual1
1,1,0,0
X
6.600A
ADP V.S. SGND (660mV)
Manual2
1,0,0,0
X
66.00A
ADP V.S. SGND (660mV)
Manual3
1,0,1,0
X
660.0A
ADP V.S. SGND (660mV)
Manual4
1,0,0,1
X
6600A
ADP V.S. SGND (660mV)
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel..
2. In DC current modes for clampmeter, ES51965 provides Zero function for offset removing.
2.5 Low pass filter (LPF) mode for ACA/ACV mode
A 3rd order low-pass filter with is built in ES51965. The LPF mode is active
automatically when the input AC frequency of voltage or current is less than 500Hz. That
means if the frequency is lower, the LPF mode (3dB BW = 7.5kHz typ.) will be helpful to
filter-out the high frequency noise of the main signal. When LPFOFF (pin 114) is pulled to
V-, the LPF mode will be disabled always. When PEAK mode is active, the auto LPF mode
will be disabled temporarily until the PEAK mode is inactive.


Numéro de pièce similaire - ES51965

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Description similaire - ES51965

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN6870 PANASONIC-AN6870 Datasheet
168Kb / 5P
   DUAL FLUORESCENT DISPLAY TUBE DRIVER WITH 18 DOT PEAK HOLD
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com