Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51926 Fiches technique(PDF) 2 Page - Cyrustek corporation

No de pièce ES51926
Description  3000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51926 Fiches technique(HTML) 2 Page - Cyrustek corporation

  ES51926 Datasheet HTML 1Page - Cyrustek corporation ES51926 Datasheet HTML 2Page - Cyrustek corporation ES51926 Datasheet HTML 3Page - Cyrustek corporation ES51926 Datasheet HTML 4Page - Cyrustek corporation ES51926 Datasheet HTML 5Page - Cyrustek corporation ES51926 Datasheet HTML 6Page - Cyrustek corporation ES51926 Datasheet HTML 7Page - Cyrustek corporation ES51926 Datasheet HTML 8Page - Cyrustek corporation ES51926 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ver 2.7
2
07/10/03
ES51926
3000 Counts Smart DMM
Pin Assignment
Pin Description
Pin No
Symbol
Type
Description
1
AGND
P
Analog ground.
2
LBAT
I
Low battery configuration. If 3V battery is used, connect it to DGND.
The default low-battery threshold voltage is –2.3V. If 9V battery is
used, the low battery enunciator is displayed when the voltage of
this pin is less than VRH (-1.2V)
3
CREF+
I/O Positive connection for reference capacitor.
4
CREF-
I/O Negative connection for reference capacitor.
5
CINT
O
Integrator output. Connect to integral capacitor
6
CAZ
I
Auto-zero capacitor connection.
7
BUFF
O
Buffer output pin. Connect to integral resistor
8
RAZ
O
Buffer output pin in high-speed mode. Connect to high-speed integral
resistor.
9
IVSH
I
High current measurement input.
NC
NC
NC
NC
NC
ACEN
BUZOUT
APOSEL
BUZIN
SLEEP
R1K
R9K-
CA+
CA-
NC
VR1
VA-
VA+
ADP
SGND
VR
VRH
NC
OHMC1
OHMC2
SEG11
SEG10
NC
NC
SEG09
SEG08
SEG07
SEG06
SEG05
SEG04
SEG03
SEG02
SEG01
OSC2
OSC1
BKSEL
CESEL
C+
C-
V-
V-
V+
V+
DGND
AGND
50
45
40
35
30
80
85
90
95
100
ES51926
Cyrustek.
com.tw


Numéro de pièce similaire - ES51926

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51926 CYRUSTEK-ES51926 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
More results

Description similaire - ES51926

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com