Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5136Q Fiches technique(PDF) 7 Page - Cyrustek corporation

No de pièce ES5136Q
Description  3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5136Q Fiches technique(HTML) 7 Page - Cyrustek corporation

Back Button ES5136Q Datasheet HTML 3Page - Cyrustek corporation ES5136Q Datasheet HTML 4Page - Cyrustek corporation ES5136Q Datasheet HTML 5Page - Cyrustek corporation ES5136Q Datasheet HTML 6Page - Cyrustek corporation ES5136Q Datasheet HTML 7Page - Cyrustek corporation ES5136Q Datasheet HTML 8Page - Cyrustek corporation ES5136Q Datasheet HTML 9Page - Cyrustek corporation ES5136Q Datasheet HTML 10Page - Cyrustek corporation ES5136Q Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ES5136
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
7
ELECTRICAL CHARACTERISTICS(Contd.)
LIMITS
CHARACTERISTIC
TEST CONDITIONS
Min
Typ
Max
Units
Noise (P
K-PK
value not
exceeded 95% of time)
V
IN = OV
Full Scale = 200mV
15
µV
Zero Reading Drift
V
IN = 0V
0℃<T
A<70℃
0.2
µV/℃
Scale Factor
Temperature Coefficient
VIN = 199.0mV
0℃<TA<70℃
(Ext. Ref.0 ppm/℃)
15
ppm/℃
Supply Current (Does not
includeCOMMON current)
VIN = 0V
(not 1)
150
180
µA
Analog COOMON Voltage
(with respect to V+)
250 K
Ω between
COMMON & V+
2.8
3.0
3.2
V
Temp. Coeff. of Analog
COMMON (with respect to
V+)
250 K
Ω between
COMMON & V+
50
75
ppm/℃
P
K-PK Segment
Drive Voltage
V+ to V- = 9V
4
5
6
V
P
K-PK Backplane
Drive Voltage
V+ to V- = 9V
4
5
6
V
Power Dissipation
Capacitance
VS. Clock Freq
40
pF
Note 1:During auto zero phase, current is 10-20
µA higher.


Numéro de pièce similaire - ES5136Q

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results

Description similaire - ES5136Q

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com