Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5117Q Fiches technique(PDF) 5 Page - Cyrustek corporation

No de pièce ES5117Q
Description  3 1/2 DVM with LED Display and Hold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5117Q Fiches technique(HTML) 5 Page - Cyrustek corporation

  ES5117Q Datasheet HTML 1Page - Cyrustek corporation ES5117Q Datasheet HTML 2Page - Cyrustek corporation ES5117Q Datasheet HTML 3Page - Cyrustek corporation ES5117Q Datasheet HTML 4Page - Cyrustek corporation ES5117Q Datasheet HTML 5Page - Cyrustek corporation ES5117Q Datasheet HTML 6Page - Cyrustek corporation ES5117Q Datasheet HTML 7Page - Cyrustek corporation ES5117Q Datasheet HTML 8Page - Cyrustek corporation ES5117Q Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
03/07/21
5
ES5117 3 1/2 DVM with
LED Display and Hold
Function Description
1. Analog Common
The COMMON pin is used to set the common-mode voltage for the system which the
input signals are floating. In most of the applications, IN LO, REF LO and COMMON
pins are usually connected. It can remove common-mode voltage concerns. In other
applications, INLO does not connect with COMMON. The ES5117 generates a
common mode voltage, which has the high CMRR (86dB typical). Nevertheless, it
should be care to prevent the output of the integrator form saturation.
The COMMON pin is also used as a voltage reference. It outputs a voltage, which
is around 2.9 volts below the positive supply. The COMMON voltage has a low output
impedance of 15Ω typically.
The analog COMMON is connected internally to a NMOS, which can sink 30mA.
This NMOS will hold the COMMON voltage at 2.9 volts when an external load
attempts to pull the COMMON voltage toward the positive supply. The source current
of COMMON is only 10uA, so it is easy to pull COMMON voltage to a more negative
voltage.
When the total supply voltage is large enough to cause the zener to regulate (>7V),
the COMMON voltage will have a low temperature coefficient less than 60ppm/℃
typically. The voltage can be used to generate the reference voltage.
2. Reference Voltage
For a 1000 counts reading, the input signal must be equal to the reference voltage. As a
result, it requires the input signal be twice the reference voltage for a 2000 counts full-
scale reading. Thus, for the 200.0mV and 2.000V full-scale, the reference voltage
should equal 100.0mV and 1.000V. In some applications the full-scale input voltage
may be different to 200mV or 2.000V. For example, in the 600mV full-scale
applications, the reference voltage should be set to 300mV.
The differential reference should be used during the measurement of resistor by
the ratio-metric method and when a digital reading of zero is desired for Vin≠0, a
compensating offset voltage can be applied between COMMON and IN LO, and the
voltage of being measured is connected between COMMON and IN HI.


Numéro de pièce similaire - ES5117Q

FabricantNo de pièceFiches techniqueDescription
logo
Ecliptek Corporation
ES5115A-12.800M ECLIPTEK-ES5115A-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115A-12800M ECLIPTEK-ES5115A-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115AV-12.800M ECLIPTEK-ES5115AV-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115AV-12800M ECLIPTEK-ES5115AV-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115B-12.800M ECLIPTEK-ES5115B-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
More results

Description similaire - ES5117Q

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES5116 ETC-ES5116 Datasheet
269Kb / 10P
   3 1/2 DVM with hold and low battery indication
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com