Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9102D Fiches technique(PDF) 9 Page - Davicom Semiconductor, Inc.

No de pièce DM9102D
Description  Single Chip Fast Ethernet NIC Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAVICOM [Davicom Semiconductor, Inc.]
Site Internet  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102D Fiches technique(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9102D Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Final
9
Version: DM9102D-DS-F01
May 10, 2006
37
TEST1
I
TEST Mode Control 1
In normal operation, tie low to this pin.
94
WOL
O
Wake up signal.
The DM9102D can assert this pin if it detects link status
change, magic packet, or sample frame match. The default is
low active pulse mode. The DM9102D also supports High/Low
and Pulse/Level options from EEPROM setting.
97
X2
O
Crystal feedback output
This pin is used for crystal connection only. Leave this pin open
if oscillator is used.
98
X1/OSC
I
Crystal or Oscillator Input. (25MHz±50ppm)
Connect to a 25MHz Oscillator or series resonance,
fundamental frequency crystal.
102
BGRES
I
Bandgap Voltage Reference Resistor.
It connects to a 6.8KΩ1% error tolerance resistor between this
pin and BGRESG pin, to provide an accurate current reference
for DM9102D (10Base-T/100Base-TX Application).
116
ISOLATE#
I
Isolate
This pin is used to isolate the DM9102D from the PCI bus.
95
VCTRL25
O
Voltage 2.5V control
This pin can be used to control a BJT transistor ‘s base pin to
generate a stable 2.5V power in BJT’s drain pin .
5.6 Power Pins
Pin No.
128LQFP
Pin Name
I/O
Description
101
BGRESG
P
Bandgap Ground
It is used together with the BGRES pin.
100,107,108
AGND
P
Analog Ground
103,104,111,112
AVDD25
P
Analog Power, +2.5V
96
AVDD
P
Analog Power, +3.3V
8,9,15,22,28,29,35,45,
46,58,76,86,99,125
DGND
P
Digital Ground
82,120
DVDD25
P
Digital Power, +2.5V
4,5,12,18,19,25,32,42,52,
53,61,70
DVDD
P
Digital Power, +3.3V


Numéro de pièce similaire - DM9102D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM9102D ETC1-DM9102D Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
DM9102DE ETC1-DM9102DE Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

Description similaire - DM9102D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com