Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC54VN3002EMB713 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC54VN3002EMB713
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VN3002EMB713 Fiches technique(HTML) 2 Page - Microchip Technology

  TC54VN3002EMB713 Datasheet HTML 1Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 2Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 3Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 4Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 5Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 6Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 7Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 8Page - Microchip Technology TC54VN3002EMB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC54
DS21434H-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ...................................................................+12V
Output Current ..............................................................50 mA
Output Voltage: CMOS................(VSS – 0.3V) to (VIN + 0.3V)
Open-Drain.....................(VSS – 0.3V) to 12V
Power Dissipation (TA ≤ 70°C):
3-Pin SOT-23A .......................................................240 mW
3-Pin SOT-89..........................................................500 mW
5-Pin SOT-23A .......................................................240 mW
3-Pin TO-92 ............................................................300 mW
Operating Temperature Range........................-40°C to +85°C
Storage Temperature Range .........................-65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25°C.
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
Operating Voltage
VIN
0.7
10.0
V
(VDET –) ≥ 1.6V
0.7
6.0
V
(VDET –) < 1.6V
Quiescent Current
ISS
—0.8
2.7
µA
VIN = 2.0V
—0.9
3.0
VIN = 3.0V
—1.0
3.2
VIN = 4.0V
—1.1
3.6
VIN = 5.0V
Threshold Voltage
(Note 1)
VDET
1.37
1.4
1.43
V
TC54VX14
2.06
2.1
2.14
TC54VX21
2.65
2.7
2.75
TC54VX27
2.84
2.9
2.96
TC54VX29
2.94
3.0
3.06
TC54VX30
4.12
4.2
4.28
TC54VX42
4.21
4.3
4.39
TC54VX43
Hysteresis Voltage
VHYST
28
70
112
mV
VDET = 1.4V (typical)
42
105
168
VDET = 2.1V (typical)
54
135
216
VDET = 2.7V (typical)
58
145
232
VDET = 2.9V (typical)
60
150
240
VDET = 3.0V (typical)
84
210
336
VDET = 4.2V (typical)
86
215
344
VDET = 4.3V (typical)
Output Current
IOUT
3.0
7.7
mA
VOL = 0.5V, VIN = 2.0V
5.0
10.1
VOL = 0.5V, VIN = 3.0V
6.0
11.5
VOL = 0.5V, VIN = 4.0V
7.0
13.0
VOL = 0.5V, VIN = 5.0V
-10.0
-2.0
TC54VC Only:
VOH = VIN – 2.1V, VIN = 8.0V
Tempco of (VDET–)
TC (VDET –)
±100
ppm/°C
-40°C
≤ T
A ≤ 85°C
Delay Time
tDLY
——
0.2
ms
VDET – → VOUT inversion
Note
1:
For other voltage options, please contact your regional Microchip sales office.


Numéro de pièce similaire - TC54VN3002EMB713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC54VN3002EMB713 MICROCHIP-TC54VN3002EMB713 Datasheet
257Kb / 20P
   Voltage Detector
05/02/11
More results

Description similaire - TC54VN3002EMB713

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com