Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP125-EVALZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADP125-EVALZ
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP125-EVALZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADP125-EVALZ Datasheet HTML 2Page - Analog Devices ADP125-EVALZ Datasheet HTML 3Page - Analog Devices ADP125-EVALZ Datasheet HTML 4Page - Analog Devices ADP125-EVALZ Datasheet HTML 5Page - Analog Devices ADP125-EVALZ Datasheet HTML 6Page - Analog Devices ADP125-EVALZ Datasheet HTML 7Page - Analog Devices ADP125-EVALZ Datasheet HTML 8Page - Analog Devices ADP125-EVALZ Datasheet HTML 9Page - Analog Devices ADP125-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 6 of
20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
VOUT 2
VOUT SENSE 3
GND 4
VIN
8
VIN
7
NC
6
EN
5
NC = NO CONNECT
ADP124
TOP VIEW
(Not to Scale)
Figure 3. ADP124 Fixed Output Pin Configuration
VOUT 1
VOUT 2
ADJ 3
GND 4
VIN
8
VIN
7
NC
6
EN
5
NC = NO CONNECT
ADP125
TOP VIEW
(Not to Scale)
Figure 4. ADP125 Adjustable Output Pin Configuration
Table 5. Pin Function Descriptions
Mnemonic
Pin No.
ADP124
ADP125
Description
1
VOUT
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.
2
VOUT
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.
3
VOUT SENSE
N/A
Feedback Node for the Error Amplifier. Connect to VOUT.
N/A
ADJ
Feedback Node for the Error Amplifier. Connect the midpoint of an external divider from
VOUT to GND to this pin to set the output voltage.
4
GND
GND
Ground.
5
EN
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator.
For automatic startup, connect EN to VIN.
6
NC
NC
No Connect. This pin is not connected internally.
7
VIN
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
8
VIN
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
EP
EP
The exposed pad must be connected to ground.


Numéro de pièce similaire - ADP125-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP125-EVALZ AD-ADP125-EVALZ Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
More results

Description similaire - ADP125-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com