Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9269BCPZRL7-20 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9269BCPZRL7-20
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9269BCPZRL7-20 Fiches technique(HTML) 4 Page - Analog Devices

  AD9269BCPZRL7-20 Datasheet HTML 1Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 2Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 3Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 4Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 5Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 6Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 7Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 8Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9269
Rev. 0 | Page 4 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, DCS disabled,
unless otherwise noted.
Table 1.
Parameter
Temp
AD9269-20/AD9269-40
AD9269-65
AD9269-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
16
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.05
±0.40
±0.05
±0.50
±0.05
±0.50
% FSR
Gain Error1
Full
−2.0
−2.0
−2.0
% FSR
Differential
Nonlinearity
(DNL)2
Full
−0.9/+1.2
−0.9/+1.4
−0.9/+1.65
LSB
25°C
−0.5/+0.6
−0.5/+1.1
−0.5/+1.1
LSB
Integral Nonlinearity
(INL)2
Full
±5.50
±6.50
±6.50
LSB
25°C
±2.0
±2.2
±3.3
LSB
MATCHING
CHARACTERISTICS
Offset Error
25°C
±0.0
±0.50
±0.0
±0.55
±0.0
±0.65
% FSR
Gain Error1
25°C
±0.2
±0.2
±0.2
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage
(1 V Mode)
Full
0.981
0.993
1.005
0.981
0.993
1.005
0.981
0.993
1.005
V
Load Regulation
Error at 1.0 mA
Full
2
2
2
mV
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
2.8
2.8
2.8
LSB
rms
ANALOG INPUT
Input Span,
VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance3
Full
6.5
6.5
6.5
pF
Input Common-
Mode Voltage
Full
0.9
0.9
0.9
V
Input Common-
Mode Range
Full
0.5
1.3
0.5
1.3
0.5
1.3
V
REFERENCE INPUT
RESISTANCE
Full
7.5
7.5
7.5
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
3.6
1.7
3.6
1.7
3.6
V
Supply Current
IAVDD2
Full
50.0/69.3
52.5/72.6
96.6
101.2
113
119
mA
IDRVDD2 (1.8 V)
Full
3.9/6.4
9.6
11.8
mA
IDRVDD2 (3.3 V)
Full
7.4/12.4
18.7
23
mA


Numéro de pièce similaire - AD9269BCPZRL7-20

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9269BCPZRL7-20 AD-AD9269BCPZRL7-20 Datasheet
1Mb / 41P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
More results

Description similaire - AD9269BCPZRL7-20

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9269 AD-AD9269_16 Datasheet
1Mb / 41P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com