Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC59281DBQR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC59281DBQR
Description  16-Channel, Constant-Current LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC59281DBQR Fiches technique(HTML) 5 Page - Texas Instruments

  TLC59281DBQR Datasheet HTML 1Page - Texas Instruments TLC59281DBQR Datasheet HTML 2Page - Texas Instruments TLC59281DBQR Datasheet HTML 3Page - Texas Instruments TLC59281DBQR Datasheet HTML 4Page - Texas Instruments TLC59281DBQR Datasheet HTML 5Page - Texas Instruments TLC59281DBQR Datasheet HTML 6Page - Texas Instruments TLC59281DBQR Datasheet HTML 7Page - Texas Instruments TLC59281DBQR Datasheet HTML 8Page - Texas Instruments TLC59281DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
VCC
VCC
SCLK
SIN
LAT
BLANK
IREF
GND
GND
16
MSB
MSB
0
15
LSB
SOUT
OUT0
OUT1
OUT14 OUT15
16-ChannelConstant-CurrentSinkDriver
TIReserved
Data
On/OffControlShiftRegister
(1Bitx16Channels)
16
0
15
LSB
On/OffControlDataLatch
(1Bitx16Channels)
¼
16
TLC59281
www.ti.com
SBVS139 – JANUARY 2010
SWITCHING CHARACTERISTICS
At VCC = 3.0 V to 5.5 V, TA = –40°C to +85°C, CL = 15 pF, RL = 130 Ω, RIREF = 1.5 kΩ, and VLED = 5.5 V. Typical values at
VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC59281
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR0
SOUT (see Figure 5)
5
15
ns
Rise time
tR1
OUTn (see Figure 4)
10
30
ns
tF0
SOUT (see Figure 5)
5
15
ns
Fall time
tF1
OUTn (see Figure 4)
10
30
ns
tD0
SCLK
↑ to SOUT
8
20
ns
LAT
↑ or BLANK↓ to OUTn sink current on
tD1
12
30
ns
Propagation delay time
(see Figure 10)
LAT
↑ or BLANK↑ to OUTn sink current off
tD2
12
30
ns
(see Figure 10)
On/off latch data = all '1', 20 ns BLANK low level
tON_ERR
Output on-time error(1)
–8
+8
ns
one-shot pulse input (see Figure 4)
(1)
Output on-time error (tON_ERR) is calculated by the formula: tON_ERR (ns) = tOUT_ON – BLANK low level one-shot pulse width (TWL2).
tOUT_ON indicates the actual on-time of the constant-current driver.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC59281


Numéro de pièce similaire - TLC59281DBQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC59281DBQR TI-TLC59281DBQR Datasheet
653Kb / 23P
[Old version datasheet]   16-Channel,Constant-Current LED Driver
More results

Description similaire - TLC59281DBQR

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com