Moteur de recherche de fiches techniques de composants électroniques |
|
ACE301C16BN+ Fiches technique(PDF) 5 Page - ACE Technology Co., LTD. |
|
ACE301C16BN+ Fiches technique(HTML) 5 Page - ACE Technology Co., LTD. |
5 / 19 page ACE301 Technology High-precision Low Voltage Detector VER 1.3 5 ACE301C/N34XX + (3.4V) (Topt=25℃, Unless otherwise specified.) Reference data Symbol Parameter Conditions Min. Typ. Max. Unit -VDET Detector Threshold 3.332 3.4 3.468 V VHYS Detector Threshold Hysteresis 0.068 0.136 0.204 V ISS Current Consumption VDD=5.0V 0.5 1 uA VDDH Maximum Operating Voltage 10 V VDDL Minimum Operating Voltage 0.5 V Nch VDS=0.05V, VDD=0.7V 0.01 0.05 mA IOUT Output Current Pch VDS=-2.1V, VDD=4.50V 1.0 2.0 mA TPLH Output Delay Time 20 uS ACE301C/N44XX + (4.4V) (Topt=25℃, Unless otherwise specified.) Reference data Symbol Parameter Conditions Min. Typ. Max. Unit -VDET Detector Threshold 4.312 4.4 4.488 V VHYS Detector Threshold Hysteresis 0.088 0.176 0.264 V ISS Current Consumption VDD=6.4V 0.5 1 uA VDDH Maximum Operating Voltage 10 V VDDL Minimum Operating Voltage 0.5 V Nch VDS=0.05V, VDD=0.7V 0.01 0.05 mA IOUT Output Current Pch VDS=-2.1V, VDD=8.0V 1.5 3.0 mA TPLH Output Delay Time 20 uS |
Numéro de pièce similaire - ACE301C16BN+ |
|
Description similaire - ACE301C16BN+ |