Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4200V-01L Fiches technique(PDF) 1 Page - Coilcraft lnc.

No de pièce CS4200V-01L
Description  Current Sensing Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS4200V-01L Fiches technique(HTML) 1 Page - Coilcraft lnc.

  CS4200V-01L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
Current Sensing Transformers
Document 132
Document 132
Revised 03/20/07
These low cost Coilcraft current sensing transformers
are designed for use up to 100 kHz. They incorporate
the current and sense windings in one small, encapsu-
lated package requiring minimum board space.
Varying the terminating resistance allows sensitivities of
1 to 100 Volts output per Ampere input.
Coilcraft current sensing transformers are designed to
provide 6 mm creepage/clearance between primary and
secondary windings
Applications include feedback control, overload sens-
ing, detecting load drop or shutdown, and proportional
output.
Coilcraft Designer’s Kit P403 contains the three stan-
dard current sensing transformers, sensor-only versions
of each, plus two 50/60Hz current sensors. To order,
contact Coilcraft or visit http://order.coilcraft.com.
Frequency
Sensed
Terminating
RT for
Part
Turns (N)
Inductance1
range2
current
resistance RT3
1 Vout
number
pri : sec
min (mH)
(kHz)
range Iin
range (Ohms)
from 1 A Iin
CS4050V-01L
1 : 50
5
5 – 25
2 mA – 10 A
50 – 5000
50 Ohms
CS4100V-01L
1 : 100
20
5 – 50
5 mA – 24 A
100 – 10,000
100 Ohms
CS4200V-01L
1 : 200
80
1 – 100
5 mA – 35 A
200 – 20,000
200 Ohms
COILCRAFT
CS-4xxxV
906 xxx
SENSE
CURRENT
max
0.75
19,05
0.105/0.150
2,67/3,81
0.77
19,56
0.03
0,76
0.40 ±0.01
10,16 ±0,25
4
4
1
1
2
2
3
3
max
CL
CL
max
0.57
14,48
0.052
1,321
0.041
1,041
0.069
1,76
0.088
2,23
Recommended
PC Board Layout
0.20 ±0.005
5,08 ±0,125
0.30 ±0.005
7,62 ±0,125
0.060 × 0.460
1,52 × 11,68
Weight:
8.8 – 9.3 g
Terminations: Tin-silver over copper
Packaging:
28 per tube
1. Inductance is for the secondary, measured at 15.75 kHz, 1 Vrms.
2. Square wave response deteriorates above and below this frequency.
3. Varying terminating resistance increases or decreases output Voltage/Ampere according to the following equation: RT = Vout × Nsec / Iin
4. Operating temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.
3
Sec
Pri
2
1
4
RT
Vout
Iin
Typical Circuit


Numéro de pièce similaire - CS4200V-01L

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
CS4200V-01L COILCRAFT-CS4200V-01L Datasheet
255Kb / 1P
   Current Sense Transformers
More results

Description similaire - CS4200V-01L

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Murata Manufacturing Co...
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
   15A Current Sensing Transformers
KMP_5500C MURATA-KMP_5500C Datasheet
141Kb / 2P
   15A Current Sensing Transformers
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Bel Fuse Inc.
SCS BEL-SCS Datasheet
1Mb / 5P
   High Frequency SMD Current Sensing Transformers
August 24 2022
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com