Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6754 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN6754
Description  Highly Integrated Green- Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6754_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 9Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 10Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 11Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 12Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 13Page - Fairchild Semiconductor FAN6754_09 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.1
10
Typical Performance Characteristics (Continued)
3
3.5
4
4.5
5
5.5
6
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
40
45
50
55
60
65
70
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
Figure 17. FB Open-Loop Trigger Level (VFB-OLP)
vs. Temperature
Figure 18. Delay Time of FB Pin Open-Loop Protection
(tD-OLP) vs. Temperature
20
21
22
23
24
25
26
27
28
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
70
80
90
100
110
120
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
Figure 19. VDD Over-Voltage Protection (VDD-OVP)
vs. Temperature
Figure 20. Output Current from RT Pin (IRT)
vs. Temperature
0.8
0.9
1
1.1
1.2
-40
-30
-15
0
25
50
75
85
100
125
Temperature (℃)
0.5
0.6
0.7
0.8
0.9
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
Figure 21. Over-Temperature Protection Threshold
Voltage (VRTTH1) vs. Temperature
Figure 22. Over-Temperature Protection Threshold
Voltage (VRTTH2) vs. Temperature
100
105
110
115
120
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
90
95
100
105
110
115
120
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃ )
Figure 23. Brownin (VAC-ON) vs. Temperature
Figure 24. Brownout (VAC-OFF) vs. Temperature


Numéro de pièce similaire - FAN6754_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6754A FAIRCHILD-FAN6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
804Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754MRMY FAIRCHILD-FAN6754MRMY Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Description similaire - FAN6754_09

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com