Moteur de recherche de fiches techniques de composants électroniques |
|
ST30080003L Fiches technique(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
ST30080003L Fiches technique(HTML) 5 Page - ABC Taiwan Electronics Corp |
5 / 7 page ST3008□□□□L□-□□□ SPECIFICATION FOR APPROVAL AE-001A RELIABILITY TEST Ⅷ﹒ : PROD. NAME REF : ABC'S ITEM NO. ABC'S DWG NO. PAGE: 5 SMD TRANSFORMER Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Preheat : 150±25 for 60 seconds ℃ Humidity ( Temp. cycle ) Thermal shock test High temp. Resistance test Resistance test Temperature : 105±2℃ Time : 500 hours Applied current : Per spec. Inductance shall not change more than ±20% Time : 500 hours Humidity : 90 ~ 95% Temperature : 40±2℃ Applied current : Per spec. Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles Solderability Specification terminal electrode With fresh solder. Shall be covered More than 90% of the Test item Flux : Rosin Dip time : 4±1 seconds Solder temp. : 235±5℃ Test condition 30 minutes -25±2 ℃ 30 minutes 85±2 ℃ |
Numéro de pièce similaire - ST30080003L |
|
Description similaire - ST30080003L |