Moteur de recherche de fiches techniques de composants électroniques |
|
ST15102R3ML Fiches technique(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
ST15102R3ML Fiches technique(HTML) 7 Page - ABC Taiwan Electronics Corp |
7 / 7 page SPECIFICATION FOR APPROVAL Ⅸ﹒ UL CARD: REF : NAME PROD. ABC'S ITEM NO. ABC'S DWG NO. PAGE: 7 AR-001A ST1510□□□□L□-□□□ SF.BW@ SF.EIW SF.BLOCKBS SF.FLY@ SF.BY@ SF.FLW ____ ____ ____ ____ ____ ____ ____ ____ ____ LSUEW LSFFW EIW-2 FL.EILOCKY EIW PEW EIAIW EILOCKY EILOCKW CFUEWB AIW ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Polyester Polyesterimide Polyesterimide Modified Polyesterimide Polyurethane Polyesterimide Polyester Modified Polyester Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyurethane Polyurethane Polyester Modified Polyester Magnet Wire-Component JUNG SHING WIRE CO LTD HSIEN TAIWAN OBMW2 September 8, 2000 Class Type 155 MW24-C Nylon ___ ___ ___ MW27-C MW77C MW26C MW79 MW26C MW27-C Nylon Nylon 180 180 155 155 155 180 155 155 155 ___ ___ ___ ___ ___ ___ MW75C MW81-C MW74-C MW79-C MW35C Epoxy 155 200 220 130 155 155 220 130 180 200 200 E174837 ANSI Temp SMD TOROIDAL POWER FILTER A not-for-profit organization OC ____ ____ ____ Polyamide Polyamide Nylon LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. , material designation or marked designation on packaed or reel, and Marking: Company name or trademarks fies base coated magnet wire twisted together and covered with top coat overall. @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. See General Information Preceding These Recognitions Recognized Component Mark. 287806002 SFFY UEY-2 UEW-1 UEW-2 UEW-4 UEY Dsg Mtl 287806002 ____ ____ ____ ____ ____ Dsg Mark ____ or Page 2 of 2 Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Page 1 of 2 Coat Typ committed to quality service dedicated to public safety and OBMW2⁄E174837 September 8 , 2000 Type ___ MW75C MW80C MW2-C MW28-C MW28-C ANSI 155 105 130 130 130 130 Class Temp OC ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Polyamide Polyamide Modified Polyamideimide Modified Polyamide Polyamide Polyamide Modified 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN BC Dsg Dsg Coat Typ Mark Mtl PEY ____ SF.EILOCKBS SF.EILOCKY# SFFW 20070821-A |
Numéro de pièce similaire - ST15102R3ML |
|
Description similaire - ST15102R3ML |