Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB2207120YL Fiches technique(PDF) 6 Page - ABC Taiwan Electronics Corp

No de pièce SB2207120YL
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABC [ABC Taiwan Electronics Corp]
Site Internet  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB2207120YL Fiches technique(HTML) 6 Page - ABC Taiwan Electronics Corp

  SB2207120YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB2207120YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB2207120YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB2207120YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB2207120YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB2207120YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
155
___
____
Polyester
____
PEW
See General Information Preceding These Recognitions
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
fies base coated magnet wire twisted together and covered with top coat overall.
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
AE-001A
1.60
418315008
N7047
3.12
287806002
QMFZ2
CP-J-8700
BK
0.48
0.76
Mark
Mtl
UEW-2
UEW-4
UEW-1
Marking: Company name or trademarks
Recognized Component Mark.
UEY
UEY-2
Dsg
SFFY
____
Dsg
____
____
____
____
____
SF.EIW
SF.FLW
SF.BY@
SF.FLY@
SF.BW@
SF.BLOCKBS
SF.EILOCKY#
SF.EILOCKBS
287806002
SFFW
PEY
____
____
____
____
____
____
____
____
____
____
OBMW2⁄E174837
September 8 , 2000
E42956 (R)
0
1
2
150
150
150
94V-0
94V-0
150
150
R
150
1
00
November 6, 1989
94V-0
94V-0
150
150
150
150
Page 2 of 2
150
150
1
20
43
A not-for-profit organization
dedicated to public safety and
committed to quality service
, material designation or marked designation on packaed or reel, and
ANSI
Coat Typ
Polyamide
Polyamide
榮星電線
or
Polyurethane
Polyurethane
Polyurethane
Polyurethane
BC
Polyurethane
Polyurethane
____
Nylon
____
OC
____
___
MW75C
MW28-C
MW28-C
Type
MW80C
MW2-C
Polyesterimide
Polyurethane
Page 1 of 2
Polyesterimide
Polyesterimide
Polyester
Polyesterimide
Polyester
Modified
___
Modified
Polyamide
____
MW26C
MW79
Nylon
Nylon
Modified
Polyamide
Polyamide
Nylon
____
____
MW27-C
___
___
MW27-C
MW24-C
MW77C
MW26C
Temp
130
130
130
130
155
Class
105
180
155
155
155
155
155
180
155
180
155
JUNG SHING WIRE CO LTD
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
Polyamideimide
Modified Polyester
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
Ⅸ﹒
UL CARD:
NAME
PROD.
CFUEWB
EILOCKY
EILOCKW
HSIEN TAIWAN
LSUEW
LSFFW
FL.EILOCKY
EIAIW
EIW
EIW-2
Mtl
AIW
Dsg
____
____
____
____
____
____
____
____
____
____
Dsg
Mark
OBMW2
Magnet Wire-Component
REF :
SB2207□□□□L□-□□□
Polyamideimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyurethane
Polyurethane
Polyesterimide
Polyurethane
BC
Coat Typ
MW35C
____
Polyamide
____
____
Epoxy
Modified
Polyamide
____
___
___
MW79-C
MW74-C
___
___
___
____
____
OC
ANSI
Type
MW75C
MW81-C
September 8, 2000
ABC'S ITEM NO.
ABC'S DWG NO.
200
220
155
130
155
200
200
180
Temp
130
220
Class
E174837
PAGE: 6


Numéro de pièce similaire - SB2207120YL

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Vishay Siliconix
SB220 VISHAY-SB220 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Semikron International
SB220 SEMIKRON-SB220 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Microdiode Electronics ...
SB220 CHENDA-SB220 Datasheet
589Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SB2207120YL

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com