Moteur de recherche de fiches techniques de composants électroniques |
|
SB5011330ML Fiches technique(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
SB5011330ML Fiches technique(HTML) 3 Page - ABC Taiwan Electronics Corp |
3 / 7 page User direction of feed AE-001A ( 3 ) Q'TY & G.W. Per package Q'TY (pcs) Series SB5011 Style 07-12 ( 2 ) Dimensions Inner : Reel G.W. (gw) 1200 120 07-12 Style 48000 Q'TY (pcs) 178 A 21±0.8 B 13 C 12 D 42 x 41 x 24 Size (cm) Outer : Carton G.W. (Kg) 4.6 -0 14+0 G 50 NT 16.5 Unit:m/m SPECIFICATION FOR APPROVAL Components ABC'S DWG NO. ABC'S ITEM NO. 4 m/m no component 200 m/m min. End Leader P:8 m/m 100 100 100 100 C ∮ G ( 1 ) Configuration Ⅵ﹒ PACKAGING INFORMATION: SMD POWER INDUCTOR NAME PROD. REF : 2.0±0.5 T Start no component 400 m/m min. 100 Trailer Carrier Tape width : D ※ Embossed carrier D PAGE: 3 Cover Tape SB5011□□□□L□-□□□ |
Numéro de pièce similaire - SB5011330ML |
|
Description similaire - SB5011330ML |